Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 160 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 160 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 156Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 157Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 158Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 159Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 160Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 161Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 162Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 163Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 164Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 323 page
background image
Bt8370/8375/8376
3.7 Receive LIU Registers
Fully Integrated T1/E1 Framer and Line Interface
3-42
Conexant
N8370DSE
OOR_BLOCK
Disable Automatic RLBO—When active, automatic RLBO switching is disabled when the
ADC is out of range.
0 = normal operation
1 = disable RLBO switching
RLB0
Receiver Line Build Out—Enables receive signal attenuation.
0 = RLBO forced off (normal operation)
1 = enable automatic RLBO
LONG_EYE
Eye Open Timeout
0 = 4096 bit timeout
1 = 8192 bit timeout (normal operation)
023—RPLL Low Pass Filter (LPF)
LPF[6:0]
RPLL Low Pass Filter Gain—Reserved for CONEXANT Production test. Determines clock
recovery RPLL input jitter tolerance and the worst case signal acquisition time. The initial
default value is optimized for maximum input jitter tolerance.
024—Variable Gain Amplifier Maximum (VGA_MAX)
VGA_MAX[5:0]
VGA Maximum—The processor can limit receiver sensitivity by programming the maximum
allowable input signal gain into the VGA_MAX register. This option is used for short and
medium haul interfaces that must declare loss of signal when the receive level falls below a
certain level. The default value is 0x3F for Bt8370 and 0x2F for Bt8375/6.
Table 3-10 contains approximate VGA_MAX settings for the receive sensitivity values. The
sensitivity value is the received signal level (below nominal) at which analog loss of signal
(RALOS) occurs. These values are applicable only when the RLBO and the PRE_EQ are
disabled. RLBO is disabled when the receive level is less than about –8 dB, or when RLBO is
forced off: RLBO = 0 (reg RLIU_CR [add 022]. The PRE_EQ is disabled when the receive
level is greater than about –24 dB, or when it is forced off: register PRE_EQ [addr 02A] =
(10XXXXXX).
7
6
5
4
3
2
1
0
—
LPF[6]
LPF[5]
LPF[4]
LPF[3]
LPF[2]
LPF[1]
LPF[0]
7
6
5
4
3
2
1
0
——
VGA_MAX[5]
VGA_MAX[4]
VGA_MAX[3]
VGA_MAX[2]
VGA_MAX[1]
VGA_MAX[0]
Table 3-10. VGA Maximum Settings for Receive Sensitivity
Rx Sensitivity
0 dB
–5 dB
–10 dB
–15 dB
–20 dB
–25 dB
–30 dB
–35 dB
–40 dB
–45 dB
VGA_MAX
0x0B
0x12
0x19
0x1E
0x23
0x27
0x2C
0x2F
0x33
0x37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com