Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 162 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 162 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 158Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 159Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 160Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 161Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 162Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 163Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 164Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 165Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 323 page
background image
Bt8370/8375/8376
3.7 Receive LIU Registers
Fully Integrated T1/E1 Framer and Line Interface
3-44
Conexant
N8370DSE
028—Equalizer Output Levels
EQ_OUT7:0]
All EQ_OUT register bits are internally set to a default value during RESET. Under normal
line operating conditions, the processor should not change this default value.
M1_ERR[1:0]
Mode1 Eyeopen Threshold—Selects equalizer error tolerance during Mode1 (ACQUISITION
state), specified as a percentage of the full-scale equalizer output. The equalizer automatically
restarts if the average error output exceeds the selected threshold.
00 = ± 13% error tolerance
01 = ± 19% error tolerance
10 = ± 26% error tolerance
11 = ± 32% error tolerance (default)
M2_ERR[1:0]
Mode2 Eyeopen Threshold—Selects equalizer error tolerance during Mode2 (OPERATION
state), specified as a percentage of the full-scale equalizer output. The equalizer automatically
restarts if the average error output exceeds the selected threshold. During certain test
situations, where the receive LIU bipolar signal level input is allowed to vary more than 15 dB
without an intervening loss of signal condition, this ensures that the equalizer adapts to the
modified input level.
0 = ± 13% error tolerance
01 = ± 19% error tolerance (default)
10 = ± 26% error tolerance
11 = ± 32% error tolerance
EQ_OUT[3:0]
Equalizer Output Level—Selects the targeted equalizer positive/negative pulse height,
specified as a percentage of the full scale equalizer output. Figure 3-1 illustrates the equalizer’s
eye pattern output level and its relationship to the M1_ERR and M2_ERR error tolerance
thresholds.
1001 = 61% of full scale
1010 = 68% of full scale (default)
1011 = 74% of full scale
1100 = 81% of full scale
7
6
5
4
3
2
1
0
EQ_OUT[7]
EQ_OUT[6]
EQ_OUT[5]
EQ_OUT[4]
EQ_OUT[3]
EQ_OUT[2]
EQ_OUT[1]
EQ_OUT[0]
7
6
5
4
3
2
1
0
M1_ERR[1:0]
M2_ERR[1:0]
EQ_OUT[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com