Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 165 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 165 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 161Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 162Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 163Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 164Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 165Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 168Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 169Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.8 Receiver Registers
N8370DSE
Conexant
3-47
3.8 Receiver Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
040—Receiver Configuration (RCR0)
RAMI
Receive AMI Encoded Inputs—Disables B8ZS/HDB3 decoding for AMI-formatted
RTIP/RRING receive signals. Otherwise, the ZCS decoder replaces the 000VB0VB code
(B8ZS) with 8 zeros in T1 mode, or replaces the X00V code (HDB3) with four zeros in E1
mode; where B is a normal AMI pulse, V is a bipolar violation, and X is a “don't-care.”
Regardless of RAMI setting, receipt of a ZCS signature is always detected and reported in
ZCSUB status [RSTAT; addr 021].
0 = receive B8ZS/HDB3 line format
1 = receive AMI line format
RABORT
Abort/Disable RX Offline Framer—When set, the offline framer ignores reframe requests
from the online framer (RLOF) and aborts any in-progress RLOF reframe request. Loss of
Frame status [RLOF; addr 047] is not affected. While RABORT remains set, the offline framer
only responds to processor forced reframes (RFORCE). This allows the processor to manually
control reframe criteria and prevent changes in the current receive frame alignment. RABORT
is typically set only during unframed operation.
0 = normal framer operation
1 = framer disabled
RFORCE
Force RX Reframe—Forces the offline framer to perform a single reframe according to
selected receive framer mode. RFORCE is automatically cleared when the offline framer
acknowledges the request [FSTAT; addr 017]. The processor typically does not need to force
the reframe since the online framer reframe request (RLOF) is active whenever reframe criteria
(RLOFD–A) is met. However, the processor may force a reframe if the frame or CRC error
ratios indicate the framer might have aligned to a duplicated frame alignment pattern.
0 = no effect
1 = force RX reframe
7
6
5
4
3
2
1
0
RAMI
RABORT
RFORCE
RLOFD
RLOFC
RLOFB
RLOFA
RZCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com