Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 169 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 169 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 165Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 168Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 169Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 170Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 171Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 172Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 173Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.8 Receiver Registers
N8370DSE
Conexant
3-51
044—Loopback Deactivate Code Pattern (LBD)
LBD[1]
First bit expected of LOOPDN pattern
LBD[2]
Second bit expected of LOOPDN pattern
LBD[3]
Third bit expected of LOOPDN pattern
LBD[4]
Fourth bit expected—Last bit if DN_LEN selects a 4-bit pattern.
LBD[5]
Fifth bit expected—Last bit if DN_LEN selects a 5-bit pattern.
LBD[6]
Sixth bit expected—Last bit if DN_LEN selects a 6-bit pattern.
LBD[7]
Seventh bit expected—Last bit if DN_LEN selects a 7-bit pattern.
045—Receive Alarm Signal Configuration (RALM)
FS_NFAS
Include FS/NFAS in FERR and FRED—Selects whether Fs bit errors (T1) or NFAS Bit 2
errors (E1) are counted as frame errors [FERR; addr 050, 051], and loss of frame alignment
[FRED; addr 049] includes Fs or NFAS bit errors as part of the detection criteria. A number of
Fs bit locations checked also depends on JYEL framer mode.
0 = FERR and FRED do not include FS/NFAS
1 = FERR and FRED include FS/NFAS
EXZ_LCV
Excess Zeros Included in LCV—Select line code violation error count [LCV; addr 054, 055]
includes EXZ errors. Depending on RZCS bit setting [addr 040], each EXZ is equal to either 8
or 16 consecutive zeros.
0 = LCV does not include EXZ
1 = LCV includes EXZ
YEL_INTEG
Enable Yellow Alarm Integration—When set, both the receive frame and multiframe Yellow
Alarms [RYEL and RMYEL; addr 047] are integrated, as described in Table 3-13, Receive
Yellow Alarm Set/Clear Criteria (per the selected framer mode). RYEL and RMYEL interrupt
status [ISR7; addr 004] are similarly affected.
0 = normal RYEL and RMYEL status
1 = integrated RYEL and RMYEL status
7
6
5
4
3
2
1
0
LBD[1]
LBD[2]
LBD[3]
LBD[4]
LBD[5]
LBD[6]
LBD[7]
—
7
6
5
4
3
2
1
0
——
FS_NFAS
EXZ_LCV
YEL_INTEG
RLOF_INTEG
0(1)
RPCM_AIS
NOTE(S):
(1) Bit 1 must be written to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com