Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 173 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 173 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 169Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 170Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 171Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 172Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 173Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 174Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 175Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 176Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 177Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.8 Receiver Registers
N8370DSE
Conexant
3-55
RYEL
Receive Yellow Alarm—Real-time or integrated RYEL status depends on both the selected
receive framer and Yellow Alarm integration modes [YEL_INTEG; addr 045]. Refer to
Table 3-12, Receive Yellow Alarm for a mode summary and Table 3-13, Receive Yellow Alarm
Set/Clear Criteria for set/clear criteria.
0 = No alarm
1 = Receive Yellow Alarm
RAIS
Receive Alarm Indication Signal—Criteria for detection and clearance of RAIS, per ITU
G.775 and ANSI T1.231.
RALOS
Receive Analog Loss of Signal or RCKI Loss of Clock—Real-time RALOS status depends on
the selection of receive bipolar or digital inputs [RDIGI; addr 020].
RLOS
Receive Loss of Signal—Criteria for detection and clearance of RLOS per ITU G.775 and
T1.231.
Mode
RAIS
Set/Clear Criteria
E1
0
Cleared if two consecutive double frames (500
µs)
each contain three or more zeros out of 512 bits, or if
FAS alignment is recovered [FRED = 0; addr 049].
E1
1
Set if two consecutive double frames each contain two
or fewer zeros out of 512 bits, and when FAS
alignment is lost [FRED = 1; addr 049].
T1
0
Cleared if data received for a period of 3 ms contains
five or more zeros out of 4,632 bits, or if the frame
alignment is recovered [FRED = 0; addr 049].
T1
1
Set if data received for a period of 3 ms contains four
or fewer zeros out of 4632 bits, and the frame
alignment is lost [FRED = 1; addr 049].
RDIGI
RALOS
Set/Clear Criteria
0
0
Cleared if AGC gain setting is less than VGA_MAX.
0
1
Set if AGC gain setting equals VGA_MAX [addr
024]. This indicates that the RTIP/RRING input
signal amplitude remains below the programmed
input signal threshold for more than 1 ms.
1
0
Cleared if RCKI transitions at least once in 125
µs.
1
1
Set when RCKI remains low for 125
µs.
Mode
RLOS
Set/Clear Criteria
T1
0
Cleared if the received data sustains an average pulse
density of 12.5% over a period of 114 bits, starting
with the receipt of a pulse—and no occurrence of 100
consecutive zeros.
T1
1
Set if 100 consecutive zeros are received.
E1
0
Cleared upon reception of 192 bits in which no
interval of 32 consecutive zeros appears where the
192-bit window begins with receipt of a pulse.
E1
1
Set upon reception of 32 consecutive 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com