Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 176 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 176 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 172Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 173Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 174Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 175Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 176Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 177Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 178Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 179Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 180Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 323 page
background image
Bt8370/8375/8376
3.9 Performance Monitoring Registers
Fully Integrated T1/E1 Framer and Line Interface
3-58
Conexant
N8370DSE
3.9 Performance Monitoring Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
If the counter overflow interrupt [IER4; addr 00F] is enabled for the respective performance monitoring
counter, the counter rolls over after reaching its maximum count value. If the overflow interrupt is disabled, the
counter holds maximum value upon saturation. Refer to LATCH [addr 046] for a description of 1-second
latched counter operation. The processor must read the Least Significant Byte (LSB) before reading the Most
Significant Byte (MSB) of each multi-byte counter.
050—Framing Bit Error Counter LSB (FERR)
FERR[7:0]
Ft/Fs/T1DM/FPS/FAS Error Count
051—Framing Bit Error Counter MSB (FERR)
If LATCH_CNT [addr 046] is inactive, reading FERR [addr 051] clears the entire FERR[11:0] count value.
FERR[11:8]
Ft/Fs/T1DM/FPS/FAS Error Count
052—CRC Error Counter LSB (CERR)
CERR[7:0]
CRC6/CRC4 Error Count
7
6
5
4
3
2
1
0
FERR[7]
FERR[6]
FERR[5]
FERR[4]
FERR[3]
FERR[2]
FERR[1]
FERR[0]
15
14
13
12
11
10
9
8
0
0
0
0
FERR[11]
FERR[10]
FERR[9]
FERR[8]
7
6
5
4
3
2
1
0
CERR[7]
CERR[6]
CERR[5]
CERR[4]
CERR[3]
CERR[2]
CERR[1]
CERR[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com