Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 178 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 178 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 174Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 175Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 176Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 177Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 178Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 179Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 180Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 181Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 182Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 323 page
background image
Bt8370/8375/8376
3.9 Performance Monitoring Registers
Fully Integrated T1/E1 Framer and Line Interface
3-60
Conexant
N8370DSE
058—PRBS Bit Error Counter LSB (BERR)
Reading BERR transfers the most recent 12-bit count from the internal PRBS error counter to BERR[11:0], and
clears the internal error counter without affecting the reported BERR[11:0] value. Subsequent reads of BERR
MSB [addr 059] report the BERR [11:8] count value latched when the BERR LSB was last read.
BERR[7:0]
BERR Count (applicable only for test pattern)
059—PRBS Bit Error Counter MSB (BERR)
BERR[11:8]
BERR Count (suspended if BSTART = 0)
05A—SEF/LOF/COFA Alarm Counter (AERR)
Reading AERR clears the SEF[1:0], COFA[1:0] and FRED[3:0] count values.
FRED[3:0]
Receive Loss of Frame Count—Increments for each occurrence of FRED [ALM3; addr 049].
The 4-bit count is large enough to count more than 100 ms of MFAS timeout intervals (8 ms
each) during E1 modes. The processor can therefore use the FRED counter overflow interrupt
to indicate that a receive MFAS alignment search has timed out.
COFA[1:0]
Change of Frame Alignment Count—Increments each time the offline framer generates a
reframe pulse that aligns the receiver timebase to a new bit position. Applicable to T1 modes
only.
SEF[1:0]
Severely Errored Frame Count—Increments for each occurrence of SEF [ALM3; addr 049].
7
6
5
4
3
2
1
0
BERR[7]
BERR[6]
BERR[5]
BERR[4]
BERR[3]
BERR[2]
BERR[1]
BERR[0]
15
14
13
12
11
10
9
8
0
0
0
0
BERR[11]
BERR[10]
BERR[9]
BERR[8]
7
6
5
4
3
2
1
0
FRED[3]
FRED[2]
FRED[1]
FRED[0]
COFA[1]
COFA[0]
SEF[1]
SEF[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com