Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 171 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 171 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 168Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 169Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 170Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 171Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 172Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 173Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 174Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 175Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.8 Receiver Registers
N8370DSE
Conexant
3-53
LATCH_ERR
Enable ONESEC Latching of Errors—Determines the interval for which latched active errors
are held in error interrupt [ISR5; addr 006] and in pattern interrupt [ISR0; addr 00B] status.
LATCH_ALM
Enable ONESEC Latching of Alarms—Determines the interval for which latched active
alarms remain held in alarm interrupt status [ISR7, ISR6; addr 004, 005].
047—Alarm 1 Status (ALM1)
ALM1 reports current status of receive alarms. Any change in the current status activates the corresponding
interrupt status bit [ISR7; addr 004].
RMYEL
Receive Multiframe Yellow Alarm—Real-time or integrated RMYEL status depends on the
selected framer mode and the Yellow Alarm integration mode [YEL_INTEG; addr 045]. Refer
to Table 3-12 for mode summary and Table 3-13 for set/clear criteria. For YF detection, DL1
must be configured for FDL operation and RDL1_EN set to one. Also, RBOP_START must be
set to one in register BOP [addr 0A0]. Refer to registers DL1_TS [addr 0A4] and DL1_CTL
[addr 0A6].
0 = no alarm
1 = receive multiframe Yellow Alarm
IER
LATCH_ERR
ISR Latched
ISR Hold Time
0
0
Rising edge event
Until read clear
0
1
Rising edge event
ONESEC interval
1
X
Rising edge event
Until read clear
IER
LATCH_ALM
ISR Latched
ISR Hold Time
0
0
Rising edge or transition
Until read clear
0
1
Rising edge or transition
ONESEC interval
1
X
Rising edge or transition
Until read clear
NOTE:
Interrupt type determines rising edge or transition event.
7
6
5
4
3
2
1
0
RMYEL
RYEL
—
RAIS
RALOS
RLOS
RLOF
SIGFRZ
Table 3-12. Receive Yellow Alarm
Receive Framer
Mode
YEL_INTEG = 0
YEL_INTEG = 1
RYEL
RMYEL
RYEL
RMYEL
FT/SF/SLC
YB2
—
YB2_INT
—
JYEL
YJ
—
YJ_INT
—
T1DM
Y24
—
Y24_INT
—
ESF
YB2
YF
YB2_INT
YF_INT
FAS
Y0
—
Y0_INT
—
CAS
Y0
Y16
Y0_INT
Y16_INT
NOTE(S):
Last known frame alignment is used to locate and monitor Yellow Alarms.
Therefore, RYEL and RMYEL do not accurately report alarms during receive loss of frame
alignment [RLOF; addr 047].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com