Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 167 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 167 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 163Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 164Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 165Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 168Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 169Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 170Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 171Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.8 Receiver Registers
N8370DSE
Conexant
3-49
FRAMED
PRBS Framed—When set, PRBS test pattern bits are not checked during framing bit positions.
In T1 mode, F-bit locations are not searched. In E1 mode, time slot 0 and time slot 16 (if CAS
framing is selected) are not searched. CAS framing is selected by setting RFRAME[3] to 1 in
the Primary Control register [CR0; addr 001]. If FRAMED is disabled, the PRBS pattern
receiver searches all time slots for the test pattern. FRAMED, ZLIMIT, and RPATT establish
the test pattern measurement type as listed in Table 3-11.
ZLIMIT
PRBS 0 Limit—Determines the number of consecutive zeros allowed within the selected
PRBS test pattern. Refer to Table 3-11 for test pattern measurement options.
RPATT[1:0]
PRBS Test Pattern—Selects one of four PRBS test pattern lengths used to measure the
received bit error ratio during out of service testing. Refer to Table 3-11 for test pattern
measurement options. PRBS test patterns used by RPATT [addr 041] and TPATT [addr 076]
are defined in the ITU standards O.151 and O.152 to use either inverted or non-inverted data.
Bt8370/8375/8376 uses the standard data inversion option for the selected PRBS test pattern
unless ZLIMIT is enabled, in which case the test pattern always uses non-inverted data.
Table 3-11. Receive PRBS Test Pattern
FRAMED
ZLIMIT
RPATT
Test Pattern
Inversion
00
00
Unframed 211
No
00
01
Unframed 215
Yes
00
10
Unframed 220
No
00
11
Unframed 223
Yes
01
00
Unframed 211 with 7 0 limit
No
01
01
Unframed 215 with 7 0 limit (non-std)
No
01
10
Unframed 220 with 14 0 limit (QRSS/QRS/QRTS)
No
01
11
Unframed 223 with 14 0 limit (non-std)
No
10
00
Framed 211
No
10
01
Framed 215
Yes
10
10
Framed 220
No
10
11
Framed 223
Yes
11
00
Framed 211 with 7 0 limit
No
11
01
Framed 215 with 7 0 limit (non-std)
No
11
10
Framed 220 with 14 0 limit (QRSS/QRS/QRTS)
No
11
11
Framed 223 with 14 0 limit (non-std)
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com