Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 168 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 168 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 164Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 165Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 168Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 169Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 170Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 171Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 172Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 323 page
background image
Bt8370/8375/8376
3.8 Receiver Registers
Fully Integrated T1/E1 Framer and Line Interface
3-50
Conexant
N8370DSE
042—Receive Loopback Code Detector Configuration (RLB)
DN_LEN[1:0]
Loopback Deactivate Code Length—Selects the number of loopback pattern bits from LBD
[addr 044] that are compared to received data to determine it a Loopback Deactivate Code
[LOOPDN; addr 048] is detected. LOOPDN is recovered if the received data pattern contains
fewer than 63 bit errors in a 24 ms period. LOOPDN is lost if 64 or more bit errors are detected
in a subsequent 24 ms period. F-bits that overwrite or are inserted into the loopback pattern are
not counted as bit errors. Accurate code detection is provided on lines with up to 1E-3 BER.
UP_LEN[1:0]
Loopback Activate Code Length—Selects the number of loopback pattern bits from LBA
[addr 043] that are compared with received data to determine if a Loopback Activate Code
[LOOPUP; addr 048] is detected. LOOPUP is recovered if received data pattern contains
fewer than 63 bit errors in a 24 ms period. LOOPUP is lost if 64 or more bit errors are detected
in a subsequent 24 ms period. F-bits that overwrite or are inserted into the loopback pattern are
not counted as bit errors. Accurate code detection is provided on lines with up to 1E-3 BER.
043—Loopback Activate Code Pattern (LBA)
LBA[1]
First bit expected of LOOPUP pattern
LBA[2]
Second bit expected of LOOPUP pattern
LBA[3]
Third bit expected of LOOPUP pattern
LBA[4]
Fourth bit expected—Last bit if UP_LEN selects a 4-bit pattern.
LBA[5]
Fifth bit expected—Last bit if UP_LEN selects a 5-bit pattern.
LBA[6]
Sixth bit expected—Last bit if UP_LEN selects a 6-bit pattern.
LBA[7]
Seventh bit expected—Last bit if UP_LEN selects a 7-bit pattern.
7
6
5
4
3
2
1
0
————
DN_LEN[1]
DN_LEN[0]
UP_LEN[1]
UP_LEN[0]
DN_LEN
LBD Length
00
4 Bits
01
5 Bits
10
6 Bits
11
7 Bits
UP_LEN
LBA Length
00
4 Bits
01
5 Bits
10
6 Bits
11
7 Bits
7
6
5
4
3
2
1
0
LBA[1]
LBA[2]
LBA[3]
LBA[4]
LBA[5]
LBA[6]
LBA[7]
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com