Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 156 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 156 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 152Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 153Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 154Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 155Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 156Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 157Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 158Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 159Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 160Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 323 page
background image
Bt8370/8375/8376
3.7 Receive LIU Registers
Fully Integrated T1/E1 Framer and Line Interface
3-38
Conexant
N8370DSE
3
3.7 Receive LIU Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
Table 3-9 details receiver LIU register settings for some typical applications. The sensitivity range values
shown are the minimum range of receive signal levels for which the receiver recovers data error-free. The
RALOS detect range lists the range of receive signal levels for which Analog Loss of Signal (RALOS) is
declared after 1 msec. The RLOS detect threshold shows the number of continuously received zeros that cause a
receiver loss of signal condition. For example, for E1 I.431 applications, the receiver declares an RALOS
condition when the receive signal level is –20 dB or less. For E1 G.775 applications, an RLOS condition is
declared if the received signal level remains less than –24 dB for 32 bit periods.
Table 3-9. Receive LIU Register Settings versus Application
Application
Sensitivity
Range
RALOS Detect
Range
RLOS Detect
Threshold
(No. of
Continuously
Received
Zeros)
Receiver LIU Register Configurations
I.431(2)
0 to –6 dB
–6 to –20 dB
––
0x41
0xB1
0x1D
0xBA
0xDA
0xA6
G.775(2)
0 to –6 dB
–9 to –35 dB
32 @–24 dB
0x41
0xB1
0x1D
0xBA
0xDA
0xA6
Long Range
0 to –34 dB
< –43 dB
32 @–43 dB
0x41
0xB1
0x34
0xBA
0xDA
0xA6
Extended Range
–20 to –48 dB
< –48 dB
32 @–48 dB
0x41
0xB1
0x3F
0xBA
0xDA
0xE6
G.775(2)
0 to –6 dB
–9 to –35 dB
100 @–24 dB
0x41
0xB1
0x1D
0xBA
0xDA
0xA6
T1.403,
PA62411
0 to –16.5 dB
––
100 @–30 dB
0x41
0xB1
0x21
0xBA
0xDA
0xA6
I.431
0 to –18 dB
–18 to –30 dB
100 @–30 dB
0x41
0xB1
0x21
0xBA
0xDA
0xA6
Long Range
0 to –34 dB
< –43 dB
100 @–43 dB
0x41
0xB1
0x34
0xBA
0xDA
0xA6
Extended Range
–20 to –48 dB
< –48 dB
100 @–48 dB
0x41
0xB1
0x3F
0xBA
0xDA
0xE6
NOTE(S):
(1) Default value.
(2) Register values shown for short-haul applications are also applicable for the Bt8375 and Bt8376 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com