| Electronic Components Datasheet Search |
|
BT8376EPF Datasheet(PDF) 153 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 153 Page - Synaptics Incorporated. |
|
153 / 323 page ![]() Bt8370/8375/8376 3.0 Registers Fully Integrated T1/E1 Framer and Line Interface 3.6 Primary Control and Status Registers N8370DSE Conexant 3-35 019—Programmable Output Enable (POE) TDL_OE TDLCKO Output Buffer Control—When enabled, TDLCKO is output according to DL3_TS and DL3_BIT [addr 015, 016]. Note that TDL_IO [addr 018] overrides TDL_OE when TNEGI/TDLCKO pin is configured as an input. 0 = TDLCKO output enabled 1 = TDLCKO output three-stated RDL_OE RNEGO/RDLCKO and RPOSO/RDLO Output Buffer Control—When enabled, both bi-modal signals are output by their respective internal circuits; otherwise, both outputs are placed in high impedance state. 0 = RNEGO/RDLCKO and RPOSO/RDLO outputs enabled 1 = RNEGO/RDLCKO and RPOSO/RDLO outputs three-stated INDY_OE TNEGO/RINDO and TPOSO/TINDO Output Buffer Control—When enabled, both bi-modal signals are output by their respective internal circuits; otherwise, both outputs are forced into high impedance state. 0 = TNEGO/RINDO and TPOSO/TINDO outputs enabled 1 = TNEGO/RINDO and TPOSO/TINDO outputs three-stated TCKO_OE TCKO Output Buffer Control—Allows the system to connect multiple devices to a common clock bus by providing programmable three-state control over the TCKO output buffer. 0 = TCKO output enabled 1 = TCKO output three-stated CLADO_OE CLADO Output Buffer Control—Allows the system to connect multiple devices to a common clock bus by providing programmable three-state control over the CLADO output buffer. On the Bt8376 device, enabling the CLADO output forces a low on the CLADO pin. 0 = CLADO output enabled 1 = CLADO output three-stated RCKO_OE RCKO Output Buffer Control—Allows the system to connect multiple devices to a common clock bus by providing programmable three-state control over the RCKO output buffer. 0 = RCKO output enabled 1 = RCKO output three-stated 7 6 5 4 3 2 1 0 —— TDL_OE RDL_OE INDY_OE TCKO_OE CLADO_OE RCKO_OE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |