Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 155 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 155 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 151Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 152Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 153Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 154Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 155Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 156Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 157Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 158Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 159Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.6 Primary Control and Status Registers
N8370DSE
Conexant
3-37
TCKI[1:0]
TCKI Source Select—The internal transmit clock mux selects 1 of four clock signals. The
selected clock signal is applied to the transmit clock monitor and is a timing reference for the
digital transmitter block. This clock signal must operate at the T1/E1 line rate. If TJAT is
disabled [JDIR; addr 002], the selected clock signal also appears on TCKO pin. TCKI input
pin is ignored when a clock source other than TCKI is selected.
TCKO follows TCKI during NRZ mode (framer mode only). NRZ mode is detected when
TNRZ bit in TCR1 register [addr 071] is set and TPOSO/TNEGO/TCKO outputs are selected
and enabled. Otherwise, during normal mode (integrated LIU and framer) TCKO follows
JCLK if JAT is enabled in the Transmit direction. TCKO follows TCKI if the JAT is either in
the receiver or is disabled.
01B—Test Mux Configuration (TMUX)
TMUX[5:0]
Test Mux Configuration—Reserved for CONEXANT production test.
01C—Test Configuration (TEST)
TEST
Global Test Enable—Reserved for CONEXANT production test.
TCKI[1:0]
TCKI Source
Notes
00
TCKI
Pin
Normal transmit (With TSLIP)
01
RCKO
Internal RCKO (before output
buffer)
10
RSBCKI
Pin
Transmit slaved to RSB
11
CLADO
Internal CLAD (before output
buffer).
7
6
5
4
3
2
1
0
——
TMUX[5]
TMUX[4]
TMUX[3]
TMUX[2]
TMUX[1]
TMUX[0]
7
6
5
4
3
2
1
0
——————
TEST[1]
TEST[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com