Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 154 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 154 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 150Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 151Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 152Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 153Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 154Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 155Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 156Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 157Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 158Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 323 page
background image
3.0 Registers
Bt8370/8375/8376
3.6 Primary Control and Status Registers
Fully Integrated T1/E1 Framer and Line Interface
3-36
Conexant
N8370DSE
01A—Clock Input Mux (CMUX)
RSBCKI[1:0]
RSBCKI Source Select—The internal clock mux selects 1 of four clock signals for application
to the RSB timebase. RSBCKI input pin is ignored when a clock source other than RSBCKI is
selected.
TSBCKI[1:0]
TSBCKI Source Select—The internal clock mux selects 1 of four clock signals for application
to the TSB timebase. TSBCKI input pin is ignored when a clock source other than TSBCKI is
selected. If TSLIP is bypassed [TSB_CR; addr 0D4], TSBCKI is not used, and the transmit
data on TPCMI must be aligned with the TCKI source selected below.
CLADI[1:0]
CLADI Source Select—The internal clock mux selects 1 of four clock signals. The selected
clock signal acts as a CLAD input timing reference when the CLAD is enabled [CEN; addr
090]. CLADI input pin is ignored whenever a clock source other than CLADI is selected.
7
6
5
4
3
2
1
0
RSBCKI[1]
RSBCKI[0]
TSBCKI[1]
TSBCKI[0]
CLADI[1]
CLADI[0]
TCKI[1]
TCKI[0]
RSBCKI[1:0]
RSBCKI
Source
Notes
00
RSBCKI
Pin
Normal RSB timebase
01
TSBCKI
Pin
RSB slaved to TSB
10
CLADI
Pin
RSB slaved to CLAD input pin
11
CLADO
Internal CLAD (before output
buffer).
TSBCKI[1:0]
TSBCKI
Source
Notes
00
TSBCKI
Pin
Normal TSB timebase
01
RSBCKI
Pin
TSB slaved to RSB
10
CLADI
Pin
TSB slaved to CLAD input
11
CLADO
Internal CLAD (before output
buffer).
XX
none
When TSLIP is bypassed
CLADI[1:0]
CLADI
Source
Notes
00
CLADI
Pin
Normal CLAD input timing
01
RCKO
Internal RCKO (before output
buffer).
10
TSBCKI
Pin
CLAD slaved to TSB
11
TCKI
Pin
CLAD slaved to transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com