Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 183 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 183 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 179Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 180Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 181Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 182Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 183Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 184Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 185Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 186Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 187Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.11 Transmit LIU Registers
N8370DSE
Conexant
3-65
LBO[1:0]
Select Line Build Out—Up to three LBO networks can be placed in line with the transmitter to
attenuate XTIP/XRING outputs in 7.5 dB steps, per the signal transfer function defined by
FCC Part 68 regulations. (Refer to Figure 2-41 through Figure 2-44 for LBO isolated pulse
templates, which are applicable only while PULSE[2:0] = 111).
Table 3-14. Return Loss Values
TURNS
TERM
RTERM
RL (dB)
VPK
(Normalized)
Remarks
Pulse[2:0] = 75
Ω Cable Selection
0
0
None
0
1.00
Iout scaled for 1:1.36
0
1
51.1
–18
1.00
Compromise match
0
1
40.5
–65
0.89
Impedance match
1
0
None
0
1.00
Iout scaled for 1:1.15
Pulse[2:0] = 100
Ω Cable Selection
0
0
None
0
1.00
Iout scaled for 1:1.36
0
1
51.1
–32
1.00
Compromise match
0
1
54.1
–76
1.03
Impedance match
1
0
None
0
1.00
Iout scaled for 1:1.15
Pulse[2:0] = 120
Ω Cable Selection
0
0
None
0
1.00
Iout scaled for 1:1.36
0
1
51.1
–18
1.00
Compromise match
0
1
64.9
–74
1.13
Impedance match
1
0
None
0
1.00
Iout scaled for 1:1.15
LBO
Attenuation @ 772 kHz
FCC Option
00
0.0 dB
Option A
01
7.5 dB
Option B
10
15.0 dB
Option C
11
22.5 dB
Final Span Target Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com