Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 189 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 189 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 185Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 186Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 187Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 188Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 189Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 190Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 191Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 192Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 193Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.12 Transmitter Registers
N8370DSE
Conexant
3-71
071—Transmitter Configuration (TCR1)
TNRZ
Transmit NRZ Data—Transmit dual-rail unipolar outputs TPOSO/TNEGO are replaced by
non-return to 0 unipolar data (TNRZO) and transmit multiframe sync (MSYNCO). Both
outputs are clocked on the rising edge of transmitter clock (TCKI). Line encoding of bipolar
signals on XTIP/XRING is unaffected. MSYNCO active (high) always marks the first bit of
transmit multiframe according to the selected transmit framer mode.
0 = TPOSO/TNEGO encoded per TZCS[1:0]
1 = TPOSO/TNEGO replaced by TNRZO/MSYNCO
TABORT
Abort/Disable TX Offline Framer—The offline framer ignores reframe requests from the
online framer (TLOF) and aborts any in progress TLOF reframe requests. The loss of frame
status [TLOF; addr 048] is not affected. While TABORT remains active, the offline framer
responds only to the processor force reframe request (TFORCE). This allows the processor to
manually control reframe criteria or lock out changes in the current transmit frame alignment.
0 = normal framer operation
1 = framer disabled
TABORT interacts with EMBED [addr 0D0] to select which data stream is examined by
online and offline transmit framer during embedded framing modes. If EMBED is active,
TXDATA output from TSLIP is examined and used to align the TX timebase; otherwise, the
TPCMI data stream is examined and used to align the TSB timebase, as defined in Table 3-19.
TFORCE
Force TX Reframe (auto clear)—Forces the offline framer to perform a single reframe,
according to the selected transmit framer mode. TFORCE is automatically cleared when the
framer acknowledges a request [ACTIVE; addr 017]. The processor typically does not need to
force a reframe, because the online framer reframe request (TLOF) is active when reframe
criteria TLOFC–A is met. However, the processor may attempt force a reframe if the frame or
CRC bit error ratio indicates that the framer has aligned to a mimic pattern.
0 = no effect
1 = force TX reframe
7
6
5
4
3
2
1
0
TNRZ
TABORT
TFORCE
TLOFC
TLOFB
TLOFA
TZCS[1]
TZCS[0]
Table 3-19. Transmit Framer Position
TABORT
EMBED
TSB Alignment
Tx Alignment
Tx Framing Mode
Notes
0
0
TPCMI
Flywheel
Transmit Framing
(1–5)
0
1
TFSYNC/TMSYNC
TXDATA
Embedded Framing
(6–8)
1
X
TFSYNC/TMSYNC
Flywheel
Normal
(5, 6)
NOTE(S):
(1) TFSYNC and TMSYNC must be programmed as outputs.
(2) Offline framer examines TPCMI to supply TSB frame alignment.
(3) Online framer examines TPCMI to supply TSB multiframe alignment.
(4) SBI mode must match 2048 k or 1544 k line rate.
(5) TX timebase flywheels at initial alignment until TSB_CTR or TX_ALIGN [addr 0D4].
(6) TSB timebase flywheels if TFSYNC/TMSYNC programmed as outputs.
(7) Offline framer examines TXDATA to supply TX frame alignment.
(8) Online framer examines TXDATA to supply TX multiframe alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com