Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 239 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 239 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 235Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 236Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 237Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 238Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 239Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 240Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 241Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 242Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 243Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.17 System Bus Registers
N8370DSE
Conexant
3-121
0D7—Receive Signaling Configuration (RSIG_CR)
SET_RSIG
Force RSIG Interrupt—Allows the processor to receive an interrupt on RSIG [addr 008] at
every multiframe boundary. Applicable only to T1 mode. Overrides STACK interrupt.
0 = RSIG interrupt on signaling STACK change
1 = RSIG interrupts on T1 multiframe boundary
SET_SIG
Overwrite Robbed-Bit Signaling—Applicable only during T1 mode and function dependent
on RIDLE. When RIDLE is inactive, SET_SIG forces receive robbed-bit signaling to one
before updating the RSLIP time slot value. Bit 8 of each time slot received during signaling
frames 6, 12, 18, and 24 is replaced with a 1. This function is particularly useful in
cross-connect and exchange systems that strip robbed-bit signaling, or in systems that use
different signaling frame alignment on inbound and outbound ports.
0 = no change to receive signaling
1 = replace robbed-bit signaling
UNICODE
Inband Signaling Freeze (applicable to T1 modes only)—If UNICODE is enabled, received
ABCD signaling on all channels is searched on a per-channel basis for the 4-bit UNICODE
pattern. UNICODE pattern detection inhibits STACK and RSIG buffer updates for that
channel as long as UNICODE is present, but does not affect SIGFRZ output. It is not reported
to the processor. This function is described in Bellcore TR-TSY-000303, Section 4.4.9, Revision
2, July 1989.
0 = no effect
1 = enable UNICODE detection and per-channel signaling freeze
DEBOUNCE
Debounce Receive ABCD Signaling—Applicable only to those channels where the signaling
stack is enabled (SIG_STK; addr 180–19F). The signaling buffer (RSIG) output updates for
these channels are evaluated after D-bit signaling is received. New signaling is placed into
RSIG and STACK buffers only if the RSIG input and output values differ. The DEBOUNCE
function filters single bit errors in ABCD signaling by comparing incoming bits, buffered bits
from the previous multiframe, and output bits on a bit-by-bit basis. A signaling error is
detected if the new input signaling and current output signaling are the same but differ from
the current buffered signaling. When this occurs, the current buffered signaling is rejected, and
the output signaling does not change. Therefore, output signaling is updated only when the
current buffered signaling and the input signaling are equal. At the end of each multiframe, the
entire input ABCD value is copied to the output ABCD value.
0 = no effect
1 = debounce receive ABCD signaling
7
6
5
4
3
2
1
0
—
SET_RSIG
SET_SIG
UNICODE
DEBOUNCE
FRZ_OFF
FRZ_ON
THRU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com