Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 243 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 243 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 239Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 240Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 241Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 242Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 243Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 244Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 245Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 246Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 247Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.17 System Bus Registers
N8370DSE
Conexant
3-125
RFSLIP
Controlled RSLIP Event—RUSLIP and RFSLIP event status are latched active-high when
receive slip error is detected. Either event reports RSLIP error in ISR5 [addr 006]. Active-high
hold interval is defined by LATCH_ERR [addr 046]. Two types of errors are detected:
1.
FSLIP = Controlled
±1 frame slip on RPCMO data output. FSLIP affects
RPCMO, but does not change the alignment of system bus RFSYNC or
RMSYNC signals.
2.
USLIP = Uncontrolled
±1 to ±256 bit slip on RPCMO. USLIP affects both
system bus data and sync outputs. RUSLIP and RFSLIP status depends on
the receive system bus configuration [RSB_CR; addr 0D1].
RUSLIP
Uncontrolled RSLIP Event—See RFSLIP description.
RSBI Mode
RUSLIP
RFSLIP
RSLIP
Event
Notes
Normal
0
0
none
—
0
1
FSLIP
Most recent slip error direction is
reported in RSDIR.
1
0
USLIP
An uncontrolled slip can occur in
Normal mode due to a resync of the
SBI or, in T1 rate converted
applications, the active time slots
are reassigned. The former sets
RSDIR = 0; the latter sets
RSDIR = 1.
Short
0
0
none
—
0
1
FSLIP
—
1
0
USLIP
In Short-Delay mode, if the bus
clock is faster than receive clock,
the system bus resynchronizes and
USLIP is reported. If the receive
clock is faster, RSLIP reverts to
Normal mode and reports FSLIP
errors.
Elastic
0
0
none
—
1
0
USLIP
RFSLIP is not applicable (read zero
value) while the RSLIP buffer is
bypassed or configured as elastic
store. FSLIP or USLIP errors
reported upon Bypass mode
initialization should be ignored.
Bypass
——
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com