Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 240 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 240 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 236Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 237Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 238Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 239Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 240Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 241Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 242Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 243Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 244Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 323 page
background image
Bt8370/8375/8376
3.17 System Bus Registers
Fully Integrated T1/E1 Framer and Line Interface
3-122
Conexant
N8370DSE
FRZ_OFF/FRZ_ON
Manual Signaling Update and SIGFRZ Output—Allows the processor to manually control
updates of the receive signaling buffer [RSIGn; addr 1A0–1BF], the signaling stack [addr
0DA], and the SIGFRZ output pin. FRZ_ON and FRZ_OFF control the SIGFRZ pin’s output
state, but do not affect normal operations of the SIGFRZ interrupt [ISR7; addr 004]. The
receive ABCD input signaling is placed into the STACK and RSIG buffers according to the
modes shown below. Stack updates are individually enabled on a per-channel basis according
to SIG_STK [addr 180–19F].
THRU
Enable Transparent Robbed-Bit Signaling—RMSYNC is forced to align with respect to RX
timebase and follow each change of receiver's multiframe alignment, plus any frame offset
caused by RSLIP buffer delay. In this manner, RMSYNC is able to retain its signaling
multiframe alignment with respect to RPCMO output data frames. THRU mode is required
when RSLIP is configured in Bypass mode. It is also useful for ADPCM transcoder systems
that utilize robbed-bit signaling during frames other than normal (modulo 6) signaling frames,
and therefore cannot utilize RPCMO signaling reinsertion in ADPCM coded channels. During
THRU mode, RMSYNC must be programmed as an output [PIO; addr 018]. RMSYNC can
follow a change of RX multiframe alignment without generating an alarm indication (e.g.,
receiver change of SF alignment without accompanying loss of basic frame alignment).
0 = no effect
1 = transparent robbed-bit signaling
Signaling State During Current Multiframe
Signaling State Updated at the End of Current Multiframe
New Input
Signaling Bit
Buffered Input
Signaling Bit
from Previous
Multiframe
(RSIGn[3:0])
Buffered Output
Signaling Bit
(RSIGn[7:4])
Buffered Input
Signaling Bit is
Updated from Input
Signaling
Bit (RSIGn[3:0])
Buffered Output
Signaling Bit
(RSIGn[7:4])
Notes
00
00
0
10
01
0
1
1
0
1
1
Change Output
0
1
0
0
0
Debounce
11
11
1
01
10
1
0
0
1
0
0
Change Output
1
0
1
1
1
Debounce
NOTE(S):
Non-Debounced signaling always transfers buffered ABCD input to buffered ABCD output coincident with the
D-bit update.
SIGFRZ
FRZ_ON
FRZ_OFF
SIG_STK
Interrupt
Pin
STACK
RSIGn
0
0
0
0
0
No update
All ABCD
0
0
X
1
1
No update
No update
0
0
1
0
0
ABCD Changes
All ABCD
X
1
0
X
0
No Update
All ABCD
X
1
1
X
0
ABCD Changes
All ABCD
1
0
X
X
1
No update
No Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com