Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 273 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 273 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 269Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 270Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 271Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 272Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 273Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 274Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 275Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 276Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 277Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 323 page
background image
Bt8370/8375/8376
4.0 Applications
Fully Integrated T1/E1 Framer and Line Interface
4.1 External Component Specifications
N8370DSE
Conexant
4-9
Figure 4-4. Option D: Short Haul Interface Application
NOTE(S):
(1) Chip side secondary surge protection. Diodes should be low capacitance, fast turn-on Schottky or surge protection diodes.
These components are: 1. Schottky Diode—11DQ04 (disrete) or 10BQ040 (surface mount) International Rectifier, 2. two
2.1
Ω, 1/4 W, 1% Resistors. The two 470 Ω resistors in series with RTIP/RRING are used to limit the current going into the
device while the power is off and T1/E1 lines are connected.
(2) Optional programmable receive termination –75/100/120
Ω.
(3) Optional fixed transmit termination. The value shown provides acceptable transmit return loss for T1 and E1 applications.
(4) Required fixed receive termination. The parallel combination of the fixed termination and programmable termination must
match the line impedance.
(5) VSET Resistor. The VSET resistance value controls the transmit signal amplitude.
(6) The Physical area between the connector and chokes should be kept small in order to avoid high frequency coupling and to
improve emissions test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com