Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 277 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 277 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 273Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 274Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 275Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 276Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 277Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 278Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 279Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 280Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 281Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 323 page
background image
Bt8370/8375/8376
5.0 Electrical/Mechanical Specifications
Fully Integrated T1/E1 Framer and Line Interface
5.3 Electrical Characteristics
N8370DSE
Conexant
5-3
Table 5-4. Line Interface Unit (RLIU, TLIU) Performance Characteristics
Parameter
Minimum
Typical
Maximum
Units
T1 Receiver Sensitivity (Attenuation @ 772 kHz)(1)
+3
—–36
dB
E1 Receiver Sensitivity (Attenuation @ 1024 kHz)(1)
+3
—–43
dB
T1/E1 Short-Haul Receiver Sensitivity (2)
+3
—–20
dB
Transmitter XTIP, XRING Outputs:
Output Impedance (XOE = 0, high impedance)
Output Impedance (XOE = 1, unterminated)
T1 Pulse Amplitude, 100
Ω UTP
E1 Pulse Amplitude, 75
Ω Coax
E1 Pulse Amplitude, 120
Ω UTP
Space/Mark Peak Voltage Ratio
10
—
2.4
2.14
2.7
–10
100
1
3.0
2.37
3.0
—
—
2
3.6
2.6
3.3
+10
k
Ω
k
Ω
V
V
V
%
Receiver RTIP, RRING Inputs:
Input Impedance (unterminated)
Peak-to-Peak Voltage (measured deferentially)
—
—
10
6
12
7.2
k
Ω
V
Receiver Phase-Lock Loop (RPLL)
Tolerable consecutive 0s before frequency lost
T1 Frequency Lock Range
E1 Frequency Lock Range
23
–0.3
–0.4
75
1544
2048
100
+0.3
+0.4
bits
kHz
kHz
Transmitter Phase-Lock Loop (TPLL):
T1 Frequency Lock Range
E1 Frequency Lock Range
–0.7
–1.0
1544
2048
+0.7
+1.0
kHz
kHz
Longitudinal Balance, Impedance to GND:
T1 (50 kHz < f < 1544 kHz)
E1 (50 kHz < f < 2048 kHz)
35
35
42
40
—
—
dB
dB
Receiver Noise Immunity (SNR):
Near-End Crosstalk (215 PRBS)
60 Hz Longitudinal
—
—
15
18
18
20
dB
dB
Transmitter Signal Power Level (3 kHz band):
Power @ 772 kHz
Power @ 1544 kHz (versus Power @ 772 kHz)
12
–25
15
–36
+19
—
dBm
dB
NOTE(S):
(1) Bt8370/8375/8376 receiver sensitivity includes 3 dB margin for 6000 feet (22 AWG) or 3.0 km (0.6 mm) cable.
(2) Bt8375 and Bt8376 receiver sensitivity is limited to –20 dB in both T1 and E1 modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com