Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 278 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 278 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 274Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 275Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 276Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 277Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 278Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 279Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 280Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 281Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 282Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 323 page
background image
5.0 Electrical/Mechanical Specifications
Bt8370/8375/8376
5.4 AC Characteristics
Fully Integrated T1/E1 Framer and Line Interface
5-4
Conexant
N8370DSE
5.4 AC Characteristics
Table 5-5. Input Clock Timing
Symbol
Parameter
Minimum
Maximum
Units
1
MCLK Frequency
8.0
35.7
MHz
REFCKI Frequency
9.999
10.001
MHz
RCKI, TCKI, ACKI Frequency
1.5
2.1
MHz
RSBCKI, TSBCKI Frequency
1.5
8.2
MHz
CLADI Frequency
8
16,384
kHz
TCK Frequency
0
5.0
MHz
2
Clock Width High
RCKI, TCKI, ACKI, CLADI
MCLK, REFCKI, RSBCKI, TSBCKI
0.2 x t(1)
0.4 x t(1)
0.8 x t(1)
0.6 x t(1)
ns
ns
3
Clock Width Low
RCKI, TCKI, ACKI, CLADI
MCLK, REFCKI, RSBCKI, TSBCKI
0.2 x t(1)
0.4 x t(1)
0.8 x t(1)
0.6 x t(1)
ns
ns
4
Clock Rise Time
—
20
ns
5
Clock Fall Time
—
20
ns
Figure 5-1. Minimum Clock Pulse Widths
90%
50%
10%
1
23
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com