Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 280 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 280 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 276Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 277Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 278Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 279Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 280Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 281Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 282Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 283Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 284Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 323 page
background image
5.0 Electrical/Mechanical Specifications
Bt8370/8375/8376
5.4 AC Characteristics
Fully Integrated T1/E1 Framer and Line Interface
5-6
Conexant
N8370DSE
Table 5-7. Output Data Delay Timing
Symbol
Clock
Edge
Output
Data
Minimum
Maximum
Units
Figure
1
MCLK
Rising
ONESEC
0
10
ns
5-3
INTR
0
10
ns
5-3
RCKI
—
RCKO
0
20
ns
5-3
RCKO
Rising
RPOSO
0
20
ns
5-3
RNEGO
0
20
ns
5-3
Falling
RDLO
0
20
ns
5-3
—
RDLCKO
0
20
ns
5-3
TCKI or
ACKI
—
TCKO
0
20
ns
5-3
—
TDLCKO
0
20
ns
5-3
Rising
TNRZO
0
20
ns
5-3
MSYNCO
0
20
ns
5-3
TCKO
Rising
TPOSO
0
20
ns
5-3
TNEGO
0
20
ns
5-3
RDLCKO
Rising
RDLO
–515
ns
5-3
RSBCKI
RPCM_NEG
(addr 0D1)
RPCMO
0
30
ns
5-3
RSIGO
0
30
ns
5-3
RINDO
0
30
ns
5-3
SIGFRZ
0
20
ns
5-3
RSYN_NEG
(addr 0D1)
RFSYNC
0
20
ns
5-3
RMSYNC
0
20
ns
5-3
TSBCKI
TPCM_NEG
(addr 0D4)
TINDO
0
20
ns
5-3
TSYN_NEG
(addr 0D4)
TFSYNC
0
20
ns
5-3
TMSYNC
0
20
ns
5-3
Table 5-8. 1-Second Input/Output Timing
Symbol
Parameter
Minimum
Maximum
Units
1
Input Pulse Width
1/MCLK
1 sec–125
µs
As shown
2
Output Pulse Width
125
250
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com