Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 276 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 276 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 272Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 273Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 274Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 275Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 276Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 277Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 278Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 279Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 280Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 323 page
background image
5.0 Electrical/Mechanical Specifications
Bt8370/8375/8376
5.2 Recommended Operating Conditions
Fully Integrated T1/E1 Framer and Line Interface
5-2
Conexant
N8370DSE
5.2 Recommended Operating Conditions
5.3 Electrical Characteristics
Table 5-2. Recommended Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VDD
Supply Voltage
4.75
5.25
V
Tamb
Ambient Operating Temperature
Bt8370KPF, Bt8375KPF, Bt8376KPF
Bt8370EPF, Bt8375EPF, Bt8376EPF
0
–40
70
85
°C
°C
Vih
Input High Voltage (except TCK)
2.0
VDD + 0.5
V
Vih
TCK
2.2
VDD + 0.5
V
Vil
Input Low Voltage
–0.5
0.8
V
Table 5-3. DC Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Units
IDD
Supply Current
—
125
175
mA
Voh
Output High Voltage (Ioh = –400 µA)
3.5
——
V
Vol
Output Low Voltage (Iol = 4 mA)
——
0.4
V
Iod
Open Drain Output Current Sink
——
4mA
Ipr
Resistive Pullup Current
40
100
500
µA
Il
Input Leakage Current
–10
1
10
µA
Ioz
Three-state Leakage Current
–10
1
10
µA
Cin
Input Capacitance (f = 1 MHz, Vin = 2.4 V)
—
25
pF
Cio
I/O Capacitance (PIO, AD[7:0] pins)
—
510
pF
Cout
Output Capacitance
—
25
pF
Cld
Capacitive Loading (Test Condition)
—
70
85
pF
Iosc
Short Circuit Output Current
37
50
160
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com