Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 119 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 119 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 115Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 116Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 117Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 118Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 119Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 120Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 121Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 122Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 123Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 323 page
background image
N8370DSE
Conexant
3-1
3
3.0 Registers
Registers shown with a default setting are reset to the indicated value following power-up, software RESET
(CR0; addr 001), or hardware reset (RST* pin). Refer to Table 3-1.
3.1 Address Map
Table 3-1. Address Map (1 of 8)
Address
(Hex)
Acronym
R/W
Description
Default Register Setting
Bt8370
Bt8375
Bt8376
000
DID
R
Device Identification
08
58
68
001
CR0
R/W
Primary Control register
00
00
00
002
JAT_CR
R/W
Jitter Attenuator Configuration
00
00
00
003
IRR
R
Interrupt Request register
——
—
004
ISR7
R
Alarm 1 Interrupt Status
——
—
005
ISR6
R
Alarm 2 Interrupt Status
——
—
006
ISR5
R
Error Interrupt Status
——
—
007
ISR4
R
Counter Overflow Interrupt
Status
——
—
008
ISR3
R
Timer Interrupt Status
——
—
009
ISR2
R
Data Link 1 Interrupt Status
——
—
00A
ISR1
R
Data Link 2 Interrupt Status
——
—
00B
ISR0
R
Pattern Interrupt Status
——
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com