Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 123 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 123 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 119Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 120Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 121Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 122Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 123Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 124Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 125Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 126Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 127Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.1 Address Map
N8370DSE
Conexant
3-5
070
TCR0
R/W
Transmit Framer Configuration
——
—
071
TCR1
R/W
Transmitter Configuration
——
—
072
TFRM
R/W
Transmit Frame Format
——
—
073
TERROR
R/W
Transmit Error Insert
——
—
074
TMAN
R/W
Transmit Manual
Sa-Byte/FEBE Configuration
——
—
075
TALM
R/W
Transmit Alarm Signal
Configuration
——
—
076
TPATT
R/W
Transmit Test Pattern
Configuration
——
—
077
TLB
R/W
Transmit Inband Loopback
Code Configuration
——
—
078
LBP
R/W
Transmit In-Band Loopback
Code Pattern
——
—
07B
TSA4
R/W
Transmit Sa4 Byte Buffer
——
—
07C
TSA5
R/W
Transmit Sa5 Byte Buffer
——
—
07D
TSA6
R/W
Transmit Sa6 Byte Buffer
——
—
07E
TSA7
R/W
Transmit Sa7 Byte Buffer
——
—
07F
TSA8
R/W
Transmit Sa8 Byte Buffer
——
—
090
CLAD_CR
R/W
Clock Rate Adapter
Configuration
07
07
07
091
CSEL
R/W
CLAD Frequency Select
01
01
01
092
CPHASE
R/W
CLAD Phase Detector Scale
Factor
00
00
00
093
CTEST
R/W
CLAD Test
00
00
00
0A0
BOP
R/W
Bit Oriented Protocol
Transceiver
00
00
00
0A1
TBOP
R/W
Transmit BOP Code Word
00
00
00
0A2
RBOP
R
Receive BOP Code Word
——
—
0A3
BOP_STAT
R
BOP Status
——
—
Table 3-1. Address Map (5 of 8)
Address
(Hex)
Acronym
R/W
Description
Default Register Setting
Bt8370
Bt8375
Bt8376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com