Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 127 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 127 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 123Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 124Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 125Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 126Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 127Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 128Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 129Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 130Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 131Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.2 Global Control and Status Registers
N8370DSE
Conexant
3-9
3.2 Global Control and Status Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
000—Device Identification (DID)
Read only value.
DID[7:4]
Device ID—A value of 0x0 indicates Bt8370.
A value of 0x5 indicates the Bt8375.
A value of 0x6 indicates the Bt8376.
DID[3:0]
Device Revision—A value of 0x8 indicates the current revision. Prior revisions are obsolete.
001—Primary Control Register (CR0)
RESET
Device Reset—Active-high indicates a device reset is in progress. The device reset is initiated
by a power-on reset, a software reset, or a hardware reset (RST* pin is active low). RESET can
be monitored to determine when the reset process is complete.
To initiate a software reset, the processor must first write RESET to 0, then delay at least
6 µs, then write RESET to 1. Once initiated, the reset process continues for 15 µs maximum,
and causes the Bt8370/8375/8376 to initialize certain control registers to their default settings,
as shown in Table 3-1, Address Map. The processor must not write to these registers until
RESET returns low, although other non-default registers can be processor-initialized while
RESET is active.
To avoid non-compliant line rate or pulse shape transmissions during the reset process, the
system can three-state the transmit line driver by holding the XOE pin inactive (low).
After the reset process, the following is true:
1.
System bus outputs RSIGO, RPCMO, and SIGFRZO are three-stated.
2.
Interrupt INTR* output is disabled.
3.
Programmable I/O pins are configured as inputs: RFSYNC, RMSYNC,
TFSYNC, TMSYNC, TNEGI/TDLCLKO, and ONESEC.
4.
CONEXANT production test modes are disabled.
7
6
5
4
3
2
1
0
DID[7]
DID[6]
DID[5]
DID[4]
DID[3]
DID[2]
DID[1]
DID[0]
7
6
5
4
3
2
1
0
RESET
——
RFRAME[3]
RFRAME[2]
RFRAME[1]
RFRAME[0]
T1/E1N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com