Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 128 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 128 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 124Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 125Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 126Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 127Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 128Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 129Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 130Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 131Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 132Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 323 page
background image
3.0 Registers
Bt8370/8375/8376
3.2 Global Control and Status Registers
Fully Integrated T1/E1 Framer and Line Interface
3-10
Conexant
N8370DSE
RFRAME[3:0]
Receiver Framer mode—Establishes the offline framer's search criteria for recovery of frame
alignment (reframe). Also works in conjunction with the RLOFA–RLOFD bits [addr 040] to
establish the online framer's criteria for loss of frame alignment. Refer to
Table A-1, Superframe Format through Table A-1, Superframe Format to find which frame
bits are monitored, and refer to Table 2-3, Criteria for Loss/Recovery of Receive Framer
Alignment for frame alignment loss/recovery criteria during the selected mode. Mode
descriptions are listed in Table 3-2. The online framer’s SF, SLC, CAS, and MFAS criteria for
loss/recovery of multiframe alignment is also selected by RFRAME[3:0].
T1/E1N
Global T1/E1 Select—Affects all Bt8370/8375/8376 functions by enabling receive and
transmit circuits to operate at either the T1 or E1 line rate. The processor must reinitialize all
control register settings after changing the T1/E1N control bit. T1/E1N selects the nominal
line rate (shown below), while the exact receive and transmit line rate frequencies are
independently determined by their respective input clock or data references. The actual receive
and transmit line frequency can vary within defined tolerances.
0 = 2.048 MHz line rate (E1)
1 = 1.544 MHz line rate (T1)
Table 3-2. Receive Framer Modes
RFRAME[3:0]
T1/E1N
Receive Framer Mode
000X
0
FAS Only
001X
0
FAS Only + BSLIP
010X
0
FAS + CRC
011X
0
FAS + CRC + BSLIP
100X
0
FAS + CAS
101X
0
FAS + CAS + BSLIP
110X
0
FAS + CRC + CAS
111X
0
FAS + CRC + CAS + BSLIP
0000
1
FT Only
0001
1
ESF + No CRC (FPS only)
0100
1
SF
0101
1
SF + JYEL
0110
1
SF + T1DM
1000
1
SLC + FSLOF
1001
1
SLC
1100
1
ESF + Mimic CRC
1101
1
ESF + Force CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com