Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 129 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 129 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 125Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 126Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 127Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 128Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 129Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 130Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 131Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 132Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 133Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.2 Global Control and Status Registers
N8370DSE
Conexant
3-11
002—Jitter Attenuator Configuration (JAT_CR)
The processor writes JAT_CR register at power-up, activating the JAUTO and JCENTER bits to initialize the
jitter attenuator elastic store. The processor can maximize jitter tolerance by repeating JCENTER after
recovering from an error [CKERR; addr 006] on the JAT input clock reference. JAT elastic store automatically
recenters upon detection of an elastic store limit error [JERR; addr 006].
JEN
Jitter Attenuator Enable—JCLK and CLADO are locked to the timing reference selected. The
reference frequency can operate at T1 or E1 line rates, or at any rate supported by the clock
rate adapter. See RSCALE[2:0] [addr 092] for selecting the timing reference frequency.
JFREE
Free-Running JCLK and CLADO—Disables both CLADI and JAT phase detectors in the
clock rate adapter, which forces the Numerical Controlled Oscillator (NCO) to free-run based
on the 10 MHz REFCKI input clock accuracy. When JFREE is active, JEN and JDIR select
jitter attenuator direction.
0 = normal (closed loop) CLAD/JAT operation
1 = free run (open loop) NCO operation
JDIR
Select JAT Direction—Applicable only when the jitter attenuator is enabled (see JEN
description). JAT elastic store is placed in either the receive or transmit direction, and JCLK is
placed on RCKO or TCKO pin according to JDIR selection.
0 = JAT in TX direction, JCLK output on TCKO
1 = JAT in RX direction, JCLK output on RCKO
7
6
5
4
3
2
1
0
JEN
JFREE
JDIR
JAUTO
JCENTER
JSIZE[2]
JSIZE[1]
JSIZE[0]
CEN
JEN
JFREE
JDIR
CLADO/JCLK Reference
00
1
X
REFCKI—Free running 10 MHz clock
01
1
0
REFCKI—Free running 10 MHz clock with transmit JAT
01
1
1
REFCKI—Free running 10 MHz clock with receive JAT
01
0
0
TXCLK—TCKI or ACKI per [AISCLK; addr 068]
0
1
0
1
RXCLK—RPLL or RCKI per [RDIGI; addr 020]
10
0
X
CLADI—System clock, bypass JAT elastic store
11
0
0
CLADI—System clock with transmit JAT
11
0
1
CLADI—System clock with receive JAT
NOTE:
JCLK always operates at T1 or E1 line rate selected by [T1/E1N; addr 001].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com