Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 133 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 133 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 129Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 130Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 131Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 132Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 133Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 134Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 135Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 136Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 137Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.4 Interrupt Status Registers
N8370DSE
Conexant
3-15
3.4 Interrupt Status Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
An Interrupt Status register (ISR) bit is latched active (high) whenever its corresponding interrupt source
reports an interrupt event. The processor reads ISR to clear all latched ISR bits. If the corresponding interrupt
enable is active (high), each interrupt event forces the associated IRR bit active (high) and the INTR* output pin
active (low). Interrupt sources fall into two categories:
• Rising-edge source reports an interrupt event when status changes from inactive to active state. Unless
specifically noted otherwise, all ISR bits are rising-edge sources.
• Dual-edge source reports an interrupt event when status changes from inactive to active (rising edge),
or from active to inactive (falling edge). The processor must read the associated real-time status to
determine which edge occurred.
Interrupt events are reported in real time on the INTR* output pin if the interrupt enable is active (high).
Otherwise, the interrupt status is latched and reported according to the selected latching mode [LATCH;
addr 046] without asserting the INTR* output pin. Table 3-3 summarizes the interrupt status registers.
Table 3-3. Interrupt Status Register Summary
Bit
004
ISR7
ALARM1
005
ISR6
ALARM2
006
ISR5
ERROR
007
ISR4
COUNT
008
ISR3
TIMER
009
ISR2
DL1
00A
ISR1
DL2
00B
ISR0
PATT
0
SIGFRZ
ONESEC
FERR
FERR[12]
RFRAME
TMSG
TMSG(1)
TFERR
1
RLOF
TLOF
MERR
CRC[10]
RMF
TNEAR
TNEAR(1)
TMERR
2RLOS
—
SERR
LCV[16]
RMSYNC
TEMPTY
TEMPTY(1)
TSERR
3
RALOS
TLOC
CERR
FEBE[10]
RSIG
TDLERR
TDLERR(1)
TCERR
4
RAIS
TSHORT
JERR
BERR[12]
TFRAME
RMSG
RMSG(1)
PSYNC
5
RPDV
TPDV
CKERR
SEF[2]
TMF
RNEAR
RNEAR(1)
BSLIP
6
RYEL
LOOPUP
RSLIP
COFA[2]
TMSYNC
RFULL
RFULL(1)
—
7
RMYEL
LOOPDN
TSLIP
RLOF[4]
TSIG
TBOP
RBOP
—
NOTE(S):
(1) These bits are not active in the Bt8376 Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com