Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 137 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 137 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 133Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 134Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 135Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 136Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 137Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 138Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 139Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 140Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 141Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.4 Interrupt Status Registers
N8370DSE
Conexant
3-19
007—Counter Overflow Interrupt Status (ISR4)
All count overflow events in ISR4 are caused by rising edge sources. Each event is latched active-high when the
respective error counter [addr 050–05A] reaches its maximum count value, but only while the respective IER4
[addr 00F] interrupt enable bit is active. If the corresponding interrupt is masked, no overflow status is reported.
Active overflow status bits are held until the processor read clears ISR4. Each event triggers an interrupt if the
corresponding IER4 bit is enabled.
FRED[4]
Out of Frame Error Count Overflow
COFA[2]
Change of Alignment Count Overflow
SEF[2]
Severely Errored Frame Count Overflow
BERR[12]
Test Pattern Bit Error Count Overflow
FEBE[10]
FEBE Error Count Overflow
LCV[16]
LCV (BPV+EXZ) Error Count Overflow
CRC[10]
CRC6/CRC4 Error Count Overflow
FERR[12]
Ft/Fs/FPS/FAS Error Count Overflow
008—Timer Interrupt Status (ISR3)
All events in ISR3 are caused by rising edge sources. Each event is latched active-high and held until the
processor read clears ISR3. Each event triggers an interrupt if corresponding IER3 bit is enabled [addr 010].
TSIG
Transmit Signaling Multiframe—Activated every 1.5 ms (SF/SLC), 3 ms (ESF), or 2 ms
(CAS), coincident with the first bit of a transmit signaling multiframe.
0 = no timer event
1 = transmit signaling multiframe
TMSYNC
TX System Bus MF Sync—Activated every 1.5 ms (SF/SLC), 3 ms (ESF), or 2 ms (CAS),
coincident with the first bit of transmit system bus multiframe input on TPCMI.
0 = no timer event
1 = TSB multiframe
TMF
Transmit Multiframe—TMF is activated every 1.5 ms (SF/SLC), 3 ms (ESF, Ft), or 2 ms
(MFAS), coincident with the first bit of a transmit multiframe.
0 = no timer event
1 = transmit multiframe
TFRAME
Transmit Frame—Activated every 193 bits (T1) or 256 bits (E1), coincident with first bit of a
transmit frame. The processor can read TPHASE [addr ODC] to determine which TSLIP
buffer half can be accessed.
0 = no timer event
1 = transmit frame
7
6
5
4
3
2
1
0
FRED[4]
COFA[2]
SEF[2]
BERR[12]
FEBE[10]
LCV[16]
CRC[10]
FERR[12]
7
6
5
4
3
2
1
0
TSIG
TMSYNC
TMF
TFRAME
RSIG
RMSYNC
RMF
RFRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com