Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 138 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 138 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 134Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 135Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 136Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 137Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 138Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 139Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 140Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 141Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 142Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 323 page
background image
3.0 Registers
Bt8370/8375/8376
3.4 Interrupt Status Registers
Fully Integrated T1/E1 Framer and Line Interface
3-20
Conexant
N8370DSE
RSIG
Receive Signaling Stack—Indicates 1 or more signaling bit changes were detected during the
prior receive multiframe, and new ABCD (robbed bit or CAS) signaling is available on the
Receive Signaling Stack register [addr 0DA]. RSIG is cleared by processor read of ISR3,
independent of STACK contents. See also the SET_RSIG bit (addr 0D7).
0 = no stack update
1 = new ABCD signaling
RMSYNC
Receive System Bus MF Sync—Activated every 1.5 ms (SF/SLC), 3 ms (ESF), or 2 ms
(CAS), coincident with the first bit of receive system bus multiframe output on RPCMO.
0 = no timer event
1 = RSB multiframe
RMF
Receive Multiframe Boundary—Activated every 3 ms for T1 (Ft, SF, SLC, ESF), or 2 ms
(MFAS), coincident with the first bit of a received multiframe. If MFAS is not included in the
receive framer criteria, RMF is activated at 2 ms interval.
0 = no timer event
1 = receive multiframe
RFRAME
Receive Frame Boundary—Activated every 193 bits (T1) or 256 bits (E1), coincident with the
first bit of a received frame. The processor can read RPHASE [addr 0DB] to determine which
RSLIP buffer half can be accessed.
0 = no timer event
1 = receive frame
009—Data Link 1 Interrupt Status (ISR2)
All events in ISR2 are from rising edge sources. Each event is latched active-high and held until the processor
read clears ISR2. Each event triggers an interrupt if the corresponding IER2 bit is enabled [addr 011].
TBOP
BOP Codeword Transmitted—Set when a valid Bit Oriented Codeword has been transmitted
and a new TBOP value can be written [TBOP; addr 0A1].
RFULL1
Receive FIFO Full—In HDLC modes, RFULL is set when the data link receiver attempts to
write received data to a full FIFO causing the receive data link FIFO to overrun. In
unformatted modes (Pack6 and Pack8), RFULL is set when the receive FIFO is filled to the
MSG_FILL Limit selected in register RDL1_FFC [addr 0A7].
RNEAR1
Receive FIFO Near Full—Set when the receive FIFO fill level reaches the near full threshold
selected in register RDL1_FFC [addr 0A7].
RMSG1
Message Received—Set when a complete message or a partial message is received and
available in the receiver FIFO.
TDLERR1
Transmit FIFO Error—Set when the FIFO underruns as a result of the internal logic emptying
the FIFO without encountering an end of message [TDL1_EOM; addr 0AC]. The underrun
condition also forces transmission of an HDLC abort code.
TEMPTY1
Transmit FIFO Empty—Set when the FIFO overflows as a result of the processor attempting to
write to a full FIFO. Overflow data is ignored by the transmit FIFO.
TNEAR1
Transmit FIFO Near Empty —Set when the transmit FIFO level falls below the threshold
selected in register TDL1_FEC [addr 0AB].
TMSG1
Message Transmitted—Set when a complete message has been transmitted and the closing flag
is just beginning transmission.
7
6
5
4
3
2
1
0
TBOP
RFULL1
RNEAR1
RMSG1
TDLERR1
TEMPTY1
TNEAR1
TMSG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com