Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 141 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 141 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 137Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 138Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 139Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 140Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 141Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 142Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 143Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 144Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 145Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.5 Interrupt Enable Registers
N8370DSE
Conexant
3-23
3.5 Interrupt Enable Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
Writing a 1 to an IER bit allows that specific interrupt source to activate its respective ISR bit, the associated
IRR bit, and the INTR* output. When cleared, each IER bit allows that source to activate its respective ISR bit,
but prevents activation of the INTR* output and the associated IRR bit.
00C—Alarm 1 Interrupt Enable Register (IER7)
RMYEL
Enable RMYEL Interrupt
RYEL
Enable RYEL Interrupt
RPDV
Enable RPDV Interrupt
RAIS
Enable RAIS Interrupt
RALOS
Enable RALOS or RLOC Interrupt
RLOS
Enable RLOS Interrupt
RLOF
Enable RLOF Interrupt
SIGFRZ
Enable SIGFRZ Interrupt
00D—Alarm 2 Interrupt Enable Register (IER6)
LOOPDN
Enable LOOPDN Interrupt
LOOPUP
Enable LOOPUP Interrupt
TPDV
Enable TPDV Interrupt
TSHORT
Enable TSHORT Interrupt
TLOC
Enable TLOC Interrupt
TLOF
Enable TLOF Interrupt
ONESEC
Enable ONESEC Interrupt
7
6
5
4
3
2
1
0
RMYEL
RYEL
RPDV
RAIS
RALOS
RLOS
RLOF
SIGFRZ
7
6
5
4
3
2
1
0
LOOPDN
LOOPUP
TPDV
TSHORT
TLOC
—
TLOF
ONESEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com