Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 142 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 142 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 138Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 139Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 140Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 141Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 142Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 143Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 144Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 145Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 146Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 323 page
background image
3.0 Registers
Bt8370/8375/8376
3.5 Interrupt Enable Registers
Fully Integrated T1/E1 Framer and Line Interface
3-24
Conexant
N8370DSE
00E—Error Interrupt Enable Register (IER5)
TSLIP
Enable TSLIP Interrupt
RSLIP
Enable RSLIP Interrupt
CKERR
Enable CKERR Interrupt
JERR
Enable JERR Interrupt
CERR
Enable CERR Interrupt
SERR
Enable SERR Interrupt
MERR
Enable MERR Interrupt
FERR
Enable FERR Interrupt
00F—Count Overflow Interrupt Enable Register (IER4)
LOF
Enable LOF Count Overflow Interrupt
COFA
Enable COFA Count Overflow Interrupt
SEF
Enable SEF Count Overflow Interrupt
BERR
Enable BERR Count Overflow Interrupt
FEBE
Enable FEBE Count Overflow Interrupt
LCV
Enable LCV Count Overflow Interrupt
CRC
Enable CRC Count Overflow Interrupt
FERR
Enable FERR Count Overflow Interrupt
7
6
5
4
3
2
1
0
TSLIP
RSLIP
CKERR
JERR
CERR
SERR
MERR
FERR
7
6
5
4
3
2
1
0
LOF
COFA
SEF
BERR
FEBE
LCV
CRC
FERR
Table 3-4. Counter Overflow Behavior
IER4
LATCH_CNT
Count (addr 050–05A)
INTR*
Addr 00F
Addr 046
Saturate
Latch
Clear
Active
0
0
Hold all 1s
hi @rd_LSB
hi @rd_MSB
None
1
0
Rollover
hi @rd_LSB
hi @rd_MSB
@rollover
0
1
Hold all 1s
onesec
None
None
1
1
Rollover
onesec
none
@rollover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com