Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 139 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 139 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 135Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 136Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 137Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 138Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 139Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 140Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 141Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 142Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 143Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.4 Interrupt Status Registers
N8370DSE
Conexant
3-21
00A—Data Link 2 Interrupt Status (ISR1)
All events in ISR1 are from rising edge sources. Each event is latched active-high and held until the processor
read clears ISR1. Each event triggers an interrupt if the corresponding IER1 bit is enabled [addr 012].
For Bt8370 and Bt8375
For Bt8376
RBOP
BOP Codeword Received—Set when a valid Bit Oriented Codeword is received and available
in the RBOP register [addr 0A2].
RFULL2
Receive FIFO Full—In HDLC modes, RFULL is set when the data link receiver attempts to
write received data to a full FIFO causing the receive data link FIFO to overrun. In
unformatted modes (Pack6 and Pack8), RFULL is set when the receive FIFO is filled to the
MSG_FILL limit selected in register RDL2_FFC [addr 0B2].
RNEAR2
Receive FIFO Near Full—Set when the receive FIFO fill level reaches the near full threshold
selected in register RDL2_FFC [addr 0B2].
RMSG2
Message Received—Set when a complete message or a partial message is received and
available in the receiver FIFO.
TDLERR2
Transmit FIFO Error—Set when the FIFO underruns as a result of the internal logic emptying
the FIFO without encountering an end of message [TDL2_EOM; addr 0B7]. The underrun
condition also forces transmission of an HDLC abort code.
TEMPTY2
Transmit FIFO Empty—Set when the FIFO overflows as a result of the processor attempting to
write to a full FIFO. Overflow data is ignored by the transmit FIFO.
TNEAR2
Transmit FIFO Near Empty—Set when the transmit FIFO level falls below the threshold
selected in register TDL2_FEC [addr 0B6].
TMSG2
Message Transmitted—Set when a complete message has been transmitted and the closing flag
is just beginning transmission.
7
6
5
4
3
2
1
0
RBOP
RFULL2
RNEAR2
RMSG2
TDLERR2
TEMPTY2
TNEAR2
TMSG2
7
6
5
4
3
2
1
0
RBOP
———————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com