Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 135 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 135 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 131Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 132Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 133Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 134Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 135Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 136Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 137Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 138Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 139Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.4 Interrupt Status Registers
N8370DSE
Conexant
3-17
005—Alarm 2 Interrupt Status (ISR6)
All events reported in ISR6 are from dual-edge sources, except the 1-second timer [ONESEC] and Transmit
Pulse Density Violation [TPDV]. Any transition of real-time status in the Alarm 2 Status register [ALM2;
addr 048] forces the corresponding ISR6 status bit active (high). Active-high status is latched and held
according to the LATCH_ALM bit [addr 046]. Each event triggers an interrupt if the corresponding IER6 bit is
enabled [addr 00D].
LOOPDN
Loss/Recovery of Inband Loopback Deactivate Code—Reports any change in real-time status
of inband loopback deactivate code detector.
0 = no event
1 = LOOPDN code transition
LOOPUP
Loss/Recovery of Inband Loopback Activate Code—Reports any change in real-time status of
inband loopback activate code detector.
0 = no event
1 = LOOPUP code transition
TPDV
Transmit PDV Monitor/Enforcer—Applicable only if TZCS [addr 071] enables PDV
enforcement. When enabled, TPDV is latched active if 1 or more PDV-enforced 1s were
output to meet ANSI T1.403 minimum pulse density requirements.
0 = no error
1 = PDV-enforced 1
TSHORT
Loss/Recovery of Transmit Short Circuit—Reports any change in real-time status of transmit
line driver's short circuit detector.
0 = no alarm
1 = short circuit transition
TLOC
Loss/Recovery of Transmit Clock—Reports any change in real-time status of TCKI clock
monitor.
0 = no alarm
1 = clock monitor transition
TLOF
Loss/Recovery of Transmit Frame Alignment—Reports any change in real-time status of
transmit framer's basic alignment.
0 = no alarm
1 = transmit framer transition
ONESEC
1-second Timer Event—ONESEC is derived from the internal 1-second timer or the rising
edge of ONESEC input signal, according to the selected I/O mode [PIO; addr 018].
0 = no timer event
1 = ONESEC timer expired or rising edge of ONESEC input
7
6
5
4
3
2
1
0
LOOPDN
LOOPUP
TPDV
TSHORT
TLOC
—
TLOF
ONESEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com