Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 134 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 134 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 130Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 131Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 132Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 133Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 134Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 135Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 136Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 137Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 138Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 323 page
background image
3.0 Registers
Bt8370/8375/8376
3.4 Interrupt Status Registers
Fully Integrated T1/E1 Framer and Line Interface
3-16
Conexant
N8370DSE
004—Alarm 1 Interrupt Status (ISR7)
All events reported in ISR7 are from dual-edge sources, except Receive Pulse Density Violation [RPDV]. Any
transition of real-time status in Alarm 1 Status register [ALM1; addr 047] forces the corresponding ISR7 status
bit active (high). Active-high status is latched and held according to the LATCH_ALM bit [addr 046]. Each
event triggers an interrupt if the corresponding IER7 bit is enabled [addr 00C].
RMYEL
Loss/Recovery of Multiframe Yellow Alarm—Reports any change in real-time status of
Multiframe Yellow (E1) or ESF Yellow (T1) alarm detector.
0 = no event
1 = multiframe Yellow Alarm transition
RYEL
Loss/Recovery of Yellow Alarm—Reports any change in real-time status of Remote Alarm
Indication (RAI), also referred to as Yellow Alarm.
0 = no event
1 = Yellow Alarm transition
RPDV
Receive Pulse Density Violation—Reports each occurrence of a receive pulse density
violation, according to ANSI T1.403 sliding window criteria. RPDV is latched active upon
detection of any window of 8 (N+1) bits which does not contain at least N pulses. For
example, RPDV reports each occurrence of 16 consecutive 0s.
0 = no error
1 = receive pulse density violation
RAIS
Loss/Recovery of Alarm Indication Signal—Reports any change in real-time status of the AIS
detector.
0 = no event
1 = AIS transition
RALOS
Loss/Recovery of Receive Analog Signal—Reports any change in analog receive level
detector’s real-time status, or receive equalizer’s acquisition status (ACQUIRE; addr 021).
0 = no event
1 = receive level transition
RLOS
Loss/Recovery of Receive Signal—Reports any change in real-time status of digital receive
signal detector.
0 = no event
1 = receive signal transition
RLOF
Loss/Recovery of Frame Alignment—Reports any change in real-time or integrated status of
receive online frame status monitor.
0 = no event
1 = receive frame status transition
SIGFRZ
Loss/Recovery of Signaling Freeze—Reports any change in real-time status of SIGFRZ
receiver status, which is also available on the SIGFRZ output pin.
0 = no event
1 = SIGFRZ transition
7
6
5
4
3
2
1
0
RMYEL
RYEL
RPDV
RAIS
RALOS
RLOS
RLOF
SIGFRZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com