Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 121 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 121 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 117Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 118Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 119Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 120Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 121Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 122Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 123Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 124Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 125Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 323 page
background image
Bt8370/8375/8376
3.0 Registers
Fully Integrated T1/E1 Framer and Line Interface
3.1 Address Map
N8370DSE
Conexant
3-3
020
LIU_CR
R/W
LIU Configuration
00
00
00
021
RSTAT
R
Receive LIU Status
——
—
022
RLIU_CR
R/W
Receive LIU Configuration
31
31
31
023
LPF
R/W
RPLL Low Pass Filter
33
33
33
024
VGA_MAX
R/W
Variable Gain Amplifier
Maximum
3F
2F
2F
025
EQ_DAT
R/W
Equalizer Coefficient Data
register
——
—
026
EQ_PTR
R/W
Equalizer Coefficient Table
Pointer
——
—
027
DSLICE
R/W
Data Slicer Threshold
BA
BA
BA
028
EQ_OUT
R/W
Equalizer Output Levels
DA
DA
DA
029
VGA
R
Variable Gain Amplifier Status
——
—
02A
PRE_EQ
R/W
Pre-Equalizer
26
26
26
030–037
COEFF
R
LMS Adjusted Equalizer
Coefficient Status
——
—
038–03C
GAIN
R/W
Equalizer Gain Thresholds
16, 1F, 21,
24, 26
16, 1F, 21,
24, 26
16, 1F, 21,
24, 26
040
RCR0
R/W
Receiver Configuration
——
—
041
RPATT
R/W
Receive Test Pattern
Configuration
——
—
042
RLB
R/W
Receive Loopback Code
Detector Configuration
——
—
043
LBA
R/W
Loopback Activate Code
Pattern
——
—
044
LBD
R/W
Loopback Deactivate Code
Pattern
——
—
045
RALM
R/W
Receive Alarm Signal
Configuration
——
—
046
LATCH
R/W
Alarm/Error/Counter Latch
Configuration
——
—
047
ALM1
R
Alarm 1 Status
——
—
048
ALM2
R
Alarm 2 Status
——
—
049
ALM3
R
Alarm 3 Status
——
—
Table 3-1. Address Map (3 of 8)
Address
(Hex)
Acronym
R/W
Description
Default Register Setting
Bt8370
Bt8375
Bt8376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com