Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 141 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 141 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 137Page - Texas Instruments TMS320C80GF Datasheet HTML 138Page - Texas Instruments TMS320C80GF Datasheet HTML 139Page - Texas Instruments TMS320C80GF Datasheet HTML 140Page - Texas Instruments TMS320C80GF Datasheet HTML 141Page - Texas Instruments TMS320C80GF Datasheet HTML 142Page - Texas Instruments TMS320C80GF Datasheet HTML 143Page - Texas Instruments TMS320C80GF Datasheet HTML 144Page - Texas Instruments TMS320C80GF Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
138
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
host interface
The ’C80 contains a simple four-pin mechanism by which a host or another device can gain control of the ’C80
local memory bus. The HREQ input can be driven low by the host to request the ’C80’s bus. Once the TC has
completed the current memory access, it places the local bus (except CLKOUT) into a high-impedance state.
It then drives the HACK output low to indicate that the host device owns the bus and can drive it. The REQ[1:0]
outputs reflect the highest priority cycle request being received internally by the TC. The host can monitor these
outputs to determine if it needs to relinquish the local bus back to the ’C80 (see Table 37).
Table 37. TC Priority Cycles
REQ[1:0]
ASSOCIATED INTERNAL TC REQUEST
11
SRT, urgent refresh, XPT, or VCPT
10
Cache / DEA request, urgent packet transfer
01
High-priority packet transfer
00
Low-priority packet transfer, trickle refresh, idle
device reset
The TMS320C80 is reset when the RESET input is driven low. The ’C80 outputs immediately go into a
high-impedance state with the exception of CLKOUT, HACK, and REQ[1:0]. While RESET is low, all internal
registers are set to their default values and internal logic is reset.
On the rising edge of RESET, the state of UTIME is sampled to determine if big-endian (UTIME = 0) or
little-endian (UTIME = 1) operation is selected. Also on the rising edge of RESET, the state of HREQ is sampled
to determine if the master processor comes up running (HREQ = 0) or halted (HREQ = 1).
Once RESET is high, the ’C80 drives the high-impedance signals to their inactive values. The TC then performs
32 refresh cycles to initialize system memory. If, during initialization refresh, the TC receives an SDRAM cycle
timing code (CT = 0xx), it performs an SDRAM DCAB cycle and a MRS cycle to initialize the SDRAM, and then
continues the refresh cycles.
After completing initialization refresh, if the MP is running, the TC performs its instruction-cache-fill request to
fetch the cache block beginning at 0xFFFFFFC0. This block contains the starting MP instruction located at
0xFFFFFFF8. If the MP comes up halted, the instruction cache fill does not take place until the first occurrence
of an EINT3 interrupt to unhalt the MP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com