Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 143 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 143 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 139Page - Texas Instruments TMS320C80GF Datasheet HTML 140Page - Texas Instruments TMS320C80GF Datasheet HTML 141Page - Texas Instruments TMS320C80GF Datasheet HTML 142Page - Texas Instruments TMS320C80GF Datasheet HTML 143Page - Texas Instruments TMS320C80GF Datasheet HTML 144Page - Texas Instruments TMS320C80GF Datasheet HTML 145Page - Texas Instruments TMS320C80GF Datasheet HTML 146Page - Texas Instruments TMS320C80GF Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
140
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLOAD
IOL
CT
IOH
Output
Under
Test
50
Ω
Where:
IOL
=
2.0 mA (all outputs)
IOH
=
400
µA (all outputs)
VLOAD =
1.5 V
CT
=
60 pF typical load circuit capacitance
Figure 115. Test Load Circuit
signal transition levels
TTL-output levels are driven to a minimum logic-high level of 2.4 V and to a maximum logic-low level of 0.6 V.
Figure 116 shows the TTL-level outputs.
0.6 V
0.8 V
2 V
2.4 V
Figure 116. TTL-Level Outputs
TTL-output transition times are specified as follows:
D For a high-to-low transition, the level at which the output is said to be no longer high is 2 V, and the level
at which the output is said to be low is 0.8 V.
D For a low-to-high transition, the level at which the output is said to be no longer low is 0.8 V, and the level
at which the output is said to be high is 2 V.
Figure 117 shows the TTL-level inputs.
2 V
0.8 V
Figure 117. TTL-Level Inputs
TTL-compatible input transition times are specified as follows:
D For a high-to-low transition on an input signal, the level at which the input is said to be no longer high is
2 V, and the level at which the input is said to be low is 0.8 V.
D For a low-to-high transition on an input signal, the level at which the input is said to be no longer low is
0.8 V, and the level at which the input is said to be high is 2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com