Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 146 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 146 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 142Page - Texas Instruments TMS320C80GF Datasheet HTML 143Page - Texas Instruments TMS320C80GF Datasheet HTML 144Page - Texas Instruments TMS320C80GF Datasheet HTML 145Page - Texas Instruments TMS320C80GF Datasheet HTML 146Page - Texas Instruments TMS320C80GF Datasheet HTML 147Page - Texas Instruments TMS320C80GF Datasheet HTML 148Page - Texas Instruments TMS320C80GF Datasheet HTML 149Page - Texas Instruments TMS320C80GF Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
143
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device reset timing requirements (see Figure 120)
NO.
MIN
MAX
UNIT
9
t (RSTL)
P lse d ration RESET lo
Initial reset during power-up
6th
ns
9
tw(RSTL)
Pulse duration, RESET low
Reset during active operation
6th
ns
10
tsu(HRQL-RSTH)
Setup time of HREQ low to RESET high to configure self-bootstrap mode
4th
ns
11
th(RSTH-HRQL)
Hold time, HREQ low after RESET high to configure self-bootstrap mode
0
ns
12
tsu(UTML-RSTH)
Setup time of UTIME low to RESET high to configure big-endian operation
4th
ns
13
th(RSTH-UTML)
Hold time, UTIME low after RESET high to configure big-endian operation
0
ns
UTIME
HREQ
RESET
9
10
11
13
12
Figure 120. Device-Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com