Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 148 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 148 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 144Page - Texas Instruments TMS320C80GF Datasheet HTML 145Page - Texas Instruments TMS320C80GF Datasheet HTML 146Page - Texas Instruments TMS320C80GF Datasheet HTML 147Page - Texas Instruments TMS320C80GF Datasheet HTML 148Page - Texas Instruments TMS320C80GF Datasheet HTML 149Page - Texas Instruments TMS320C80GF Datasheet HTML 150Page - Texas Instruments TMS320C80GF Datasheet HTML 151Page - Texas Instruments TMS320C80GF Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
145
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
local bus timing: cycle completion inputs (see Figure 122 and Figure 123)
The cycle completion inputs are sampled at the beginning of each row access at the start of the r3 state. The
READY input is also sampled at the start of the r6 state and during each column access (2 and 3 cyc/col
accesses only). The RETRY input is sampled on each CLKOUT falling edge following r3. The value
n as used
in the parameters represents the integral number of half cycles between the transitions of the two signals in
question.
NO
’C80-40
’C80-50
’C80-60
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
17
ta(MIDV-CMPV)
Access time, RETRY, READY, FAULT valid
after memory identification (A, STATUS)
valid
ntH–9
ntH–8
ntH–7
ns
18
tsu(CMPV-CKOL)
Setup time, RETRY, READY, FAULT valid to
CLKOUT no longer high
8.0
7.5
7.5
ns
19
th(CKOL-CMPV)
Hold time, RETRY, READY, FAULT valid
after CLKOUT low
1.2
1.2
1.2
ns
20
ta(RASL-RRV)
Access time RETRY, READY valid from
RAS low
ntH–8
ntH–7.5
ntH–7.5
ns
21
ta(RLL-RRV)
Access time, RETRY, READY valid from RL
low
ntH–8
ntH–7.5
ntH–7.5
ns
22
ta(CASL RRV)
Access time, READY
valid from CAS low
2 cyc/col accesses
tH–13.5
tH–12
tH–12
ns
22
ta(CASL-RRV)
valid from CAS low
(non-usertime mode)
3 cyc/col accesses
2tH–9
2tH–8
2tH–7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com