Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 152 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 152 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 148Page - Texas Instruments TMS320C80GF Datasheet HTML 149Page - Texas Instruments TMS320C80GF Datasheet HTML 150Page - Texas Instruments TMS320C80GF Datasheet HTML 151Page - Texas Instruments TMS320C80GF Datasheet HTML 152Page - Texas Instruments TMS320C80GF Datasheet HTML 153Page - Texas Instruments TMS320C80GF Datasheet HTML 154Page - Texas Instruments TMS320C80GF Datasheet HTML 155Page - Texas Instruments TMS320C80GF Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
149
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
general output signal characteristics over full range of operating conditions†(continued)
NO
PARAMETER
’C80-40
’C80-50
’C80-60
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
23
th(OUTV-CKOL)
Hold time, CLKOUT high after
output valid
D[63:0]
A[31:0], STATUS[5:0],
CAS/DQM[7:0‡
DBEN, DDIN, DSF, RAS, RL,
TRG/CAS, W
ntH–7
ntH–6.5
ntH–5.5
ntH–5.3
ntH–4.3
ntH–3.9
ntH–5.3
ntH–4.3
ntH–3.9
ns
24
th(OUTV-CKOH)
Hold time, CLKOUT low after
output valid
D[63:0]
A[31:0]
STATUS[5:0], CAS/DQM[7:0]‡
DBEN, DDIN, DSF, RAS, RL,
TRG/CAS, W
ntH–7
ntH–6.5
ntH–6.5
ntH–5.5
ntH–5.5
ntH–4.5
ntH–4.5
ntH–4.1
ntH–4
ntH–4
ntH–4.5
ntH–4.1
ns
25
th(CKOL-OUTV)
Hold time, output valid after
CLKOUT low
ntH–5.5
ntH–5
ntH–5
ns
26
th(CKOH-OUTV)
Hold time, output valid after
CLKOUT high
ntH–5.5
ntH–5
ntH–4
ns
27
th(OUTV-OUTV)
Hold time, output valid after output
valid
D[63:0]
A[31:0], STATUS[5:0],
CAS/DQM[7:0]‡
DBEN, DDIN, DSF, RAS, RL,
TRG/CAS, W
ntH–7
ntH–6.5
ntH–5.5
ntH–6.5
ntH–5.5
ntH–5
ntH–5.9
ntH–5.5
ntH–4.7
ns
28
td(CKOH-OUTV)
Delay time, CLKOUT no longer
low to output valid
D[63:0]
A[31:0], STATUS[5:0],
CAS/DQM[7:0]‡
DBEN, DDIN, DSF, RAS, RL,
TRG/CAS, W
ntH+7
ntH+6.5
ntH+5.5
ntH+6.5
ntH+5.5
ntH+5
ntH+5.9
ntH+5.5
ntH+4.7
ns
29
td(CKOL-OUTV)
Delay time, CLKOUT no longer
high to output valid
D[63:0]
A[31:0], STATUS[5:0],
CAS/DQM[7:0]‡
DBEN, DDIN, DSF, RAS, RL,
TRG/CAS, W
ntH+7
ntH+6.5
ntH+5.5
ntH+6.5
ntH+5.5
ntH+5
ntH+5.9
ntH+5.5
ntH+4.7
ns
30
td(OUTV-CKOH)
Delay time, output no longer valid
to CLKOUT high
ntH+5.5
ntH+5
ntH+5
ns
31
td(OUTV-CKOL)
Delay time, output no longer valid
to CLKOUT low
ntH+5.5
ntH+5
ntH+5
ns
32
td(OUTV-OUTV)
Delay time, output no longer valid
to output valid
D[63:0]
A[31:0], STATUS[5:0],
CAS/DQM[7:0]‡
DBEN, DDIN, DSF, RAS, RL,
TRG/CAS, W
ntH+7
ntH+6.5
ntH+5.5
ntH+6.5
ntH+5.5
ntH+5
ntH+6.1
ntH+5.5
ntH+5
ns
† Tested across full voltage. Test temperature is selected by manufacturing test flow. Compliance across full temperature range is ensured by
device characterization.
‡ Except for CAS/DQM[7:0] during non user-timed 2 cycle/column accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com