Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 153 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 153 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 149Page - Texas Instruments TMS320C80GF Datasheet HTML 150Page - Texas Instruments TMS320C80GF Datasheet HTML 151Page - Texas Instruments TMS320C80GF Datasheet HTML 152Page - Texas Instruments TMS320C80GF Datasheet HTML 153Page - Texas Instruments TMS320C80GF Datasheet HTML 154Page - Texas Instruments TMS320C80GF Datasheet HTML 155Page - Texas Instruments TMS320C80GF Datasheet HTML 156Page - Texas Instruments TMS320C80GF Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
150
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
general output signal characteristics over full range of operating conditions† (continued)
NO
PARAMETER
’C80-40
’C80-50
’C80-60
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
33
tw(OUTV)
Pulse duration, output valid
D[63:0]
A[31:0], STATUS[5:0],
CAS/DQM[7:0]‡
DBEN, DDIN, DSF, RAS, RL,
TRG/CAS, W
ntH–7
ntH–6.5
ntH–5.5
ntH–6.5
ntH–5.5
ntH–5
ntH–6.1
ntH–5.5
ntH–5
ns
† Tested across full voltage. Test temperature is selected by manufacturing test flow. Compliance across full temperature range is ensured by
device characterization.
‡ Except for CAS/DQM[7:0] during non user-timed 2 cycle/column accesses
CLKOUT
OutputA
OutputB
tH
tH
tH
tH
tH
tH
tH
tH
tH
tH
tH
tH
26
30
25
23
27
33
28
31
32
29
24
Figure 124. General Output-Signal Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com