Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 155 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 155 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 151Page - Texas Instruments TMS320C80GF Datasheet HTML 152Page - Texas Instruments TMS320C80GF Datasheet HTML 153Page - Texas Instruments TMS320C80GF Datasheet HTML 154Page - Texas Instruments TMS320C80GF Datasheet HTML 155Page - Texas Instruments TMS320C80GF Datasheet HTML 156Page - Texas Instruments TMS320C80GF Datasheet HTML 157Page - Texas Instruments TMS320C80GF Datasheet HTML 158Page - Texas Instruments TMS320C80GF Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
152
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
local bus timing: 2 cycle/column CAS timing
These timing parameters apply to the CAS/DQM[7:0] signals during 2 cycle per column memory accesses only.
They should be used in place of the general output and data input timing parameters when the 2 cycle/column
(non user-timed) cycle timing is selected (CT[2:0] inputs = 0b110). The value
n as used in the parameters
represents the integral number of half cycles between the transitions of the signals in question (see Figure 126).
NO.
’C80-40
’C80-50
’C80-60
UNIT
MIN
MAX
MIN
MAX
42
tw(CASH)
Pulse duration, CAS/DQM high
tH–2
tH–2
ns
43
tw(CASL)
Pulse duration, CAS/DQM low
3tH–11
3tH–9.5
ns
44
th(OUTV-CASL)
Hold time, CAS/DQM high after output valid
D[63:0]
A[31:0], STATUS[5:0]
DBEN, DDIN, DSF, RAS, RL, TRG/CAS, W
ntH–5
ntH–4.5
ntH–3.5
ntH–4.5
ntH–3.5
ntH–3
ns
45
th(CASL-OUTV)
Hold time, output valid after CAS/DQM low
ntH–11
ntH–9.5
ns
46
ta(CASL-DV)
Access time, data valid from CAS/DQM low
3tH–12
3tH–12
ns
47
th(CASH-DV)
Hold time, data valid after CAS/DQM high
2
2
ns
CLKOUT
Output
D[63:0]
tH
tH
tH
tH
tH
tH
tH
tH
tH
tH
CAS/DQM[7:0]
42
43
44
45
46
47
Figure 126. 2 Cycle / Column CAS Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com