Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 157 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 157 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 153Page - Texas Instruments TMS320C80GF Datasheet HTML 154Page - Texas Instruments TMS320C80GF Datasheet HTML 155Page - Texas Instruments TMS320C80GF Datasheet HTML 156Page - Texas Instruments TMS320C80GF Datasheet HTML 157Page - Texas Instruments TMS320C80GF Datasheet HTML 158Page - Texas Instruments TMS320C80GF Datasheet HTML 159Page - Texas Instruments TMS320C80GF Datasheet HTML 160Page - Texas Instruments TMS320C80GF Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
154
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
XPT input timing
The following description defines the sampling of the XPT[2:0] inputs. The value encoded on the XPT[2:0] inputs
is synchronized over multiple cycles to ensure that a stable value is present (see Figure 128 and Figure 129).
NO.
’C80-40
’C80-50
’C80-60
UNIT
MIN
MAX
MIN
MAX
52
tw(XPTV)
Pulse duration, XPTx valid†
12tH
12tH
ns
53
tsu(XPTV-CKOH)
Setup time, XPT[2:0] valid before CLKOUT no longer low‡
13.5
12
ns
54
th(CKOH-XPTV)
Hold time, XPT[2:0] valid after CLKOUT high
5
5
ns
55
th(RLL-XPTV)
Hold time, XPT[2:0] valid after RL low§
6tH
6tH
ns
† This parameter is a functional minimum assured by logic and is not tested.
‡ This parameter must only be met to ensure that the XPT input is recognized on the indicated cycle.
§ This parameter must be met to ensure that a second XPT request does nor occur. This parameter is a functional maximum assured by logic and
is not tested.
CLKOUT
XPT[2:0]
XPT Inputs Sampled
XPT Inputs Recognized
52
53
54
Figure 128. XPT Input Timing – XPT Recognition
CLKOUT
XPTn Row Status
XPTn
XPTz
STATUS[5:0]
XPT[2:0]
RL
55
Figure 129. XPT Input Timing – XPT Service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com