Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 161 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 161 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 157Page - Texas Instruments TMS320C80GF Datasheet HTML 158Page - Texas Instruments TMS320C80GF Datasheet HTML 159Page - Texas Instruments TMS320C80GF Datasheet HTML 160Page - Texas Instruments TMS320C80GF Datasheet HTML 161Page - Texas Instruments TMS320C80GF Datasheet HTML 162Page - Texas Instruments TMS320C80GF Datasheet HTML 163Page - Texas Instruments TMS320C80GF Datasheet HTML 164Page - Texas Instruments TMS320C80GF Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
158
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
video interface timing: FCLK input and video outputs (see Note 6 and Figure 132)
NO.
MIN
MAX
UNIT
67
tc(FCK)
FCLK period
25
ns
68
tw(FCKH)
Pulse duration, FCLK high
8
ns
69
tw(FCKL)
Pulse duration, FCLK low
8
ns
70
tt(FCK)
Transition time, FCLK (rise and fall)†
2
ns
71
th(FCKL-SYL)
Hold time, HSYNC, VSYNC, CSYNC / HBLNK, CBLNK / VBLNK, or CAREA high after
FCLK low
0
ns
72
th(FCKL-SYH)
Hold time, HSYNC, VSYNC, CSYNC / HBLNK, CBLNK / VBLNK, or CAREA low after FCLK
low
0
ns
73
td(FCKL-SYL)
Delay time, FCLK no longer high to HSYNC, VSYNC, CSYNC / HBLNK, CBLNK / VBLNK,
or CAREA low
20
ns
74
td(FCKL-SYH)
Delay time, FCLK no longer high to HSYNC, VSYNC, CSYNC / HBLNK, CBLNK / VBLNK,
or CAREA high
20
ns
† This parameter is assured by simulation and is not tested.
NOTE 6: Under certain circumstances these outputs also can transition asynchronously. These transitions occur when controller timing register
values are modified by user programming. If the new register value forces the output to change states then this transition occurs without
regard to FCLK inputs.
FCLK0
FCLK1
HSYNCn, VSYNCn,
CSYNCn / HBLNKn
CBLNKn / VBLNKn
CAREAn
67
68
69
70
74
72
73
71
70
Figure 132. Video Interface Timing: FCLK Input and Video Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com