Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 165 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 165 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 161Page - Texas Instruments TMS320C80GF Datasheet HTML 162Page - Texas Instruments TMS320C80GF Datasheet HTML 163Page - Texas Instruments TMS320C80GF Datasheet HTML 164Page - Texas Instruments TMS320C80GF Datasheet HTML 165Page - Texas Instruments TMS320C80GF Datasheet HTML 166Page - Texas Instruments TMS320C80GF Datasheet HTML 167Page - Texas Instruments TMS320C80GF Datasheet HTML 168Page - Texas Instruments TMS320C80GF Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
162
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
emulator-interface connection (continued)
T34
J35
L33
N33
H34
P32
E35
EMU0
EMU1
TRST
TMS
TDI
TDO
TCK
EMU0
EMU1
TRST
TMS
TDI
TDO
TCK
TCKRET
13
14
2
1
3
7
11
9
PD
GND
GND
GND
GND
GND
5
4
6
8
10
12
’C80
Emulator
Header
3.3 V
3.3 V
6 in. or less
T34
J35
L33
N33
H34
P32
E35
EMU0
EMU1
TRST
TMS
TDI
TDO
TCK
EMU0
EMU1
TRST
TMS
TDI
TDO
TCK
TCKRET
13
14
2
1
3
7
11
9
PD
GND
GND
GND
GND
GND
5
4
6
8
10
12
’C80
Emulator
Header
3.3 V
3.3 V
More than 6 in.
3.3 V
(L26)
(K25)
(J24)
(J26)
(K23)
(K24)
(J25)
(L26)
(K25)
(J24)
(J26)
(K23)
(K24)
(J25)
GF (GGP)
Signal
Pins
GF (GGP)
Signal
Pins
Figure 136. Emulation Header Connections – Emulator Driven Test Clock
The target system also can generate the test clock. This allows the user to:
D Set the test clock frequency to match the system requirements. (The emulator provides only a 10-MHz
test clock.)
D Have other devices in the system that require a test clock when the emulator is not connected
T34
J35
L33
N33
H34
P32
E35
EMU0
EMU1
TRST
TMS
TDI
TDO
TCK
EMU0
EMU1
TRST
TMS
TDI
TDO
TCK
TCKRET
13
14
2
1
3
7
11
9
PD
GND
GND
GND
GND
GND
5
4
6
8
10
12
’C80
Emulator
Header
3.3 V
3.3 V
More than 6 in.
3.3 V
System
Test
Clock
(L26)
(K25)
(J24)
(J26)
(K23)
(K24)
(J25)
GF (GGP) Signal
Pins
Figure 137. Emulation Header Connections – System Driven Test Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com