Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 162 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 162 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 158Page - Texas Instruments TMS320C80GF Datasheet HTML 159Page - Texas Instruments TMS320C80GF Datasheet HTML 160Page - Texas Instruments TMS320C80GF Datasheet HTML 161Page - Texas Instruments TMS320C80GF Datasheet HTML 162Page - Texas Instruments TMS320C80GF Datasheet HTML 163Page - Texas Instruments TMS320C80GF Datasheet HTML 164Page - Texas Instruments TMS320C80GF Datasheet HTML 165Page - Texas Instruments TMS320C80GF Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
159
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
video interface timing: external sync inputs
When configured as inputs, the HSYNCn, VSYNCn, and CSYNCn signals may be driven asynchronously. The
following parameters apply only when the inputs are being generated synchronous to FCLKn in order to ensure
recognition on a particular FLCKn edge (see Figure 133).
NO.
MIN
MAX
UNIT
75
tsu(SIL-FCKH)
Setup time, HSYNC, VSYNC, or CSYNC low to FCLK no longer low†
5
ns
76
th(FCKH-SIL)
Hold time, HSYNC, VSYNC, or CSYNC high after FCLK high‡
7
ns
77
tsu(SIH-FCKH)
Setup time, HSYNC, VSYNC, or CSYNC high to FCLK no longer low§
5
ns
78
th(FCKH-SIH)
Hold time, HSYNC, VSYNC, or CSYNC low after FCLK high¶
7
ns
† This parameter must be met only to ensure the input is recognized as low at FLCK edge B.
‡ This parameter must be met only to ensure the input is recognized as high at FLCK edge A.
§ This parameter must be met only to ensure the input is recognized as high at FLCK edge D.
¶ This parameter must be met only to ensure the input is recognized as low at FLCK edge C.
FCLK0
FCLK1
HSYNC0, HSYNC1
VSYNC0, VSYNC1
CSYNC0, CSYNC1
(Inputs)
AB
CD
76
75
78
77
Figure 133. Video Interface Timing: External Sync Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com