Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80GF Datasheet(PDF) 163 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 163 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 159Page - Texas Instruments TMS320C80GF Datasheet HTML 160Page - Texas Instruments TMS320C80GF Datasheet HTML 161Page - Texas Instruments TMS320C80GF Datasheet HTML 162Page - Texas Instruments TMS320C80GF Datasheet HTML 163Page - Texas Instruments TMS320C80GF Datasheet HTML 164Page - Texas Instruments TMS320C80GF Datasheet HTML 165Page - Texas Instruments TMS320C80GF Datasheet HTML 166Page - Texas Instruments TMS320C80GF Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
160
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
thermal resistance
Figure 134 illustrates the maximum ambient temperature allowed for various air flow rates across the
TMS320C80 to ensure that the case temperature is kept below the maximum operating temperature (85
°C) (see
Note A). Values for the GF package include integral heat sink. Values for the GGP package are with no heat
sink.
85
80
75
70
65
60
55
50
45
40
0
100
200
300
400
500
600
700
800
900
1000
40 MHz (GF)
50 MHz (GF)
60 MHz (GF)
40 MHz (GGP)
50 MHz (GGP)
60 MHz (GGP)
Air Flow (Linear Ft / Min)
Maximum Ambient Temperature Versus Airflow
For GF and GGP Packages
NOTE A: TMS320C80 power consumption is based on the “typical” values of IDD measured at VDD = 3.3 V. Power consumption varies by
application based on TMS320C80 processor activity and I/O pin loadings. User must ensure that the case temperature (TC)
specifications are met when defining airflow and other thermal constraints of their system.
Figure 134. Airflow Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com